Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1080 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA1080
Description  Accordo2 family - Dual core processor for car radio and display audio applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1080 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA1080 Datasheet HTML 5Page - STMicroelectronics STA1080 Datasheet HTML 6Page - STMicroelectronics STA1080 Datasheet HTML 7Page - STMicroelectronics STA1080 Datasheet HTML 8Page - STMicroelectronics STA1080 Datasheet HTML 9Page - STMicroelectronics STA1080 Datasheet HTML 10Page - STMicroelectronics STA1080 Datasheet HTML 11Page - STMicroelectronics STA1080 Datasheet HTML 12Page - STMicroelectronics STA1080 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID028279 Rev 1
11/13
STA1080, STA1085, STA1090, STA1095
Order codes
13
4
Order codes
Table 2. Device differentiating features
STA1080
STA1085
STA1090
STA1095
CAN
No
Yes
No
Yes
Video Input Port
No
No
Yes
Yes
Smart Graphic Interface
No
No
Yes
Yes
Touch Screen Controller
No
No
Yes
Yes
Table 3. Ordering information
[Root]
Root Code
[Freq]
CortexR4 Frequency
[Sec]
Security
[Grade]
Qualification Grade
[Pack]
Packing
1095
1090
1085
1080
E = Eco (450MHz)
L = Locked
A = Automotive
[empty] = Tray
H = High (533MHz)
O = Open
C = Consumer
TR = Tape&Reel
P = Premium (600MHz)
Part number example: STA1080EOA
1080
E = Eco (450MHz)
O = Open
A = Automotive
[empty] = Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com