Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1090 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA1090
Description  Accordo2 family - Dual core processor for car radio and display audio applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1090 Datasheet(HTML) 5 Page - STMicroelectronics

  STA1090 Datasheet HTML 1Page - STMicroelectronics STA1090 Datasheet HTML 2Page - STMicroelectronics STA1090 Datasheet HTML 3Page - STMicroelectronics STA1090 Datasheet HTML 4Page - STMicroelectronics STA1090 Datasheet HTML 5Page - STMicroelectronics STA1090 Datasheet HTML 6Page - STMicroelectronics STA1090 Datasheet HTML 7Page - STMicroelectronics STA1090 Datasheet HTML 8Page - STMicroelectronics STA1090 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID028279 Rev 1
5/13
STA1080, STA1085, STA1090, STA1095
System description
13
2.4.1
Audio interfaces
A complete set of audio interfaces is provided, in order to simplify integration with amplifiers,
and input sources. Each interface can be routed to the sound subsystem. A complete list of
audio interfaces is provided below:
Audio ADC
–
Shared between AUX LINE and TUNER LINE
–
ADC Inputs are single ended 3.3 V
Voice ADC
–
Shared among Voice and TEL-IN lines with embedded multiplexer
–
Both Mic and Tel-In lines are differential inputs
Stereo DAC
Multiple I2S IN
Multiple I2S OUT
SPDIF IN for CD/CDROM input with Hardware Block Decoder for CDROM error
correction.
2.4.2
Routing and sample rate converters
Each audio interface can be routed in both directions (IN/OUT) through hardware sample
rate converters, which allow normalizing the sampling rate to the sound processing engine.
The audio routing infrastructure is designed to deliver high quality sample rate conversion
on multiple channels, allowing simultaneous audio streams, such as Bluetooth® Hands
Free and audio media playback, to be handled without CPU load.
2.4.3
Sound DSP
Accordo2 family devices are equipped with multiple DSPs dedicated to sound processing,
fully integrated with the sound subsystem with a specific isochronous bus. DSP is provided
with an integrated sound processing library implementing effects like spatialization,
balancing and equalizer, etc..
2.5
SDMMC
Accordo2 family devices are equipped with SDMMC controllers, which allow interfacing to
either mass storage devices, or to Wi-Fi modules.
2.6
DMA
DMA is designed to efficiently perform memory to memory, and memory to peripherals
transfers, offloading such tasks from the processor, thus reducing interrupt handling load.
DMA provides independent channels which can be dynamically assigned to different data-
path. Complex Scatter/gather transfers can be implemented by programming specific DMA
command linked lists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com