Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S001J3M3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8S001J3M3
Description  16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S001J3M3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8S001J3M3 Datasheet HTML 17Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 18Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 19Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 20Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 21Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 22Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 23Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 24Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
DocID030584 Rev 2
21/84
STM8S001J3
Pinouts and pin descriptions
23
Table 5. STM8S001J3 pin description
Pinno.
Pin name
Type
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]
SO8N
High
sink(1)
OD PP
1
PD6/ AIN6/
UART1 _RX
I/O
X
XX
HS
O3
XX
Port D6
Analog input
6/ UART1
data receive
-
PA1/ OSCIN(2)
I/O
X
X
X
-
O1
X
X
Port A1
External
clock input
(HSE clock)
-
2
VSS/VSSA
S
-
-
-
-
-
-
-
Ground
-
3
VCAP
S
-
-
-
-
-
-
-
1.8 V regulator
capacitor
-
4
VDD/VDDA
S
-
-
-
-
-
-
-
Power supply
-
5
PA3/ TIM2_ CH3
[SPI_ NSS]\
[UART1_TX]
I/O
X
X
X
HS
O3
X
X
Port A3
Timer 2
channel 3
SPI master/
slave select
[AFR1]
UART1 data
transmit
[AFR1 and
AFR0]
PB5/ I2C_ SDA
[TIM1_ BKIN]
I/O
X
-
X
-
O1 T(3)
-
Port B5
I2C data
Timer 1 -
break input
[AFR4]
6
PB4/ I2C_ SCL
/[ADC_ETR]
I/O
X
-
X
-
O1
T(3)
-
Port B4
I2C clock
ADC
external
trigger
[AFR4]
7
PC3/ TIM1_CH3
[TLI]
[TIM1_ CH1N]
I/O
X
X
X
HS
O3
X
X
Port C3
Timer 1 -
channel 3
Top level
interrupt
[AFR3]
Timer 1 -
inverted
channel 1
[AFR7]
PC4/ CLK_CCO/
TIM1_
CH4/[AIN2]/
[TIM1_ CH2N]
I/O
X
X
X
HS
O3
X
X
Port C4
Configurable
clock
output/Timer
1 - channel 4
Analog input
2 [AFR2],
Timer 1 -
inverted
channel 2
[AFR7]
PC5/ SPI_SCK
[TIM2_ CH1]
I/O
X
X
X
HS
O3
X
X
Port C5 SPI clock
Timer 2 -
channel 1
[AFR0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com