Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2096 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM2096
Description  Getting started with ST25DV-DISCOVERY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2096 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM2096 Datasheet HTML 9Page - STMicroelectronics UM2096 Datasheet HTML 10Page - STMicroelectronics UM2096 Datasheet HTML 11Page - STMicroelectronics UM2096 Datasheet HTML 12Page - STMicroelectronics UM2096 Datasheet HTML 13Page - STMicroelectronics UM2096 Datasheet HTML 14Page - STMicroelectronics UM2096 Datasheet HTML 15Page - STMicroelectronics UM2096 Datasheet HTML 16Page - STMicroelectronics UM2096 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Figure 9. MB1283 schematics - STM32F405
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
D
D
C
C
B
B
A
A
39
ST25Dx DISCOVERY MBOARD
B
07/11/2016
Title:
Size:
Reference:
Date:
Sheet:
of
A3
Revision:
MB1283
STMicroelectronics
635, Route des Lucioles
06560 VALBONNE
FRANCE
PB0/ADC12_IN8
35
PH0/OSC_IN
12
PH1/OSC_OUT
13
BOOT0
94
NRST
14
PA0/USART2_CTS
23
PA1/USART2_RTS
24
PA2/USART2_TX
25
PA3/USART2_RX
26
PA4/SPI1_NSS
29
PA5/SPI1_SCK
30
PA6/SPI1_MISO
31
PA7/SPI1_MOSI
32
PA8/I2C3_SCL
67
PA9
68
PA10/OTG_FS_ID
69
PA11/OTG_FS_DM
70
PA12/OTG_FS_DP
71
PA13/JTMS-SWDIO
72
PA14/JTCK/SWCLK
76
PA15/JTDI
77
PB1/ADC12_IN9
36
PB2
37
PB3/JTDO
89
PB4/NJTRST
90
PB5/I2C1_SMBA
91
PB6/I2C1_SCL
92
PB7/I2C1_SDA
93
PB8
95
PB9
96
PB10/I2C2_SCL
47
PB11/I2C2_SDA
48
PB12/SPI2_NSS
51
PB13/SPI2_SCK
52
PB14/USART3_RTS
53
PB15
54
PC0
15
PC1
16
PC2/SPI2_MISO
17
PC3/SPI2_MOSI
18
PC4/ADC12_IN14
33
PC5/ADC12_IN15
34
PC6/USART6_TX
63
PC7/USART6_RX
64
PC8
65
PC9/I2C3_SDA
66
PC10/SPI3_SCK
78
PC11/SPI3_MISO
79
PC12/SPI3_MOSI
80
PC13
7
PC14
8
PC15
9
PD0
81
PD1
82
PD2
83
PD3
84
PD4
85
PD5
86
PD6
87
PD7
88
PD8/USART3_TX
55
PD9/USART3_RX
56
PD10/USART3_CK
57
PD11/USART3_CTS
58
PD12
59
PD13
60
PD14
61
PD15
62
PE0
97
PE1
98
PE2
1
PE3
2
PE4
3
PE5
4
PE6
5
PE7
38
PE8
39
PE9
40
PE10
41
PE11
42
PE12
43
PE13
44
PE14
45
PE15
46
U2
STM32F415VGT6
STM32F415.SchDoc
TMS/SWDIO
TDI
TCK_SWCLK
TDO/SWO
TRST
BLE_SPI_IRQ
BLE_SPI_CSN
BLE_SPI_MOSI
BLE_SPI_MISO
BLE_SPI_CLK
BLE_RESET
WF_UART_TX
WF_UART_RX
WF_UART_RTS
WF_UART_CTS
WF_RESET
STLK_UART_TX
STLK_UART_RX
TSCR_I2C_SCL
TSCR_I2C_SDA
TSCR_IRQ
Y1
NX3225GD-8MHZ
C20
10pF
C21
10pF
GND
SB1
SB2
STLK_MCO
ST25DX_MCU_CLK
ST25DX_SPARE
ST25DX_EH
ST25DX_GPO_1
ST25DX_I2C_SCL
ST25DX_SPI_MOSI
ST25DX_SPI_MISO
ST25DX_SPI_CLK
ST25DX_SPI_CSn
ST25DX_IRQ
ST25DX_UART_RX
ST25DX_UART_TX
ST25DX_UART_RTSn
ST25DX_UART_CTSn
C7
100nF
C9
100nF
GND
VCC
GND
TSCR_SPI_MOSI
TSCR_SPI_CSn
TSCR_SPI_CLK
C5
100nF
C6
100nF
C8
100nF
GND
C4
100nF
SW2
TD-0341X-BLACK
C23
100nF
GND
RESET#
VCC
GND
C10
1uF/25V
C17
1uF/25V
C15
2.2uF/16V
C19
2.2uF/16V
C12
100nF
C16
100nF
GND
1
2
L5
FCM1608KF-601T03
VCC
C11
100nF
GND
GND
R6
47R
C13
1uF/25V
C14
100nF
GND
R9
0R
VCC
GND
GND
R13
0R
R14
0R
JOYSTICK
SW1
TD-0341X-BLUE
R19
100R
R18
4K7
C22
100nF
VCC
GND
LD3
ORANGE
R17
680R
GND
POT_I2C_SCL
POT_I2C_SDA
D4
BAT60JFILM
D5
BAT60JFILM
R15
0R
R16
1K5
GND
VCC
POT_IN
I_MEAS_OUT
LD2
YELLOW
R12
0R
GND
1
2
3
4
5
7
6
8
JP2
HE14
VCC
GND
TSCR_TE
TSCR_WR
R11
360R
R97
NC
TP4
PTH/1.0mm
TP5
PTH/1.0mm
LEFT
1
LEFT
RIGHT
4
UP
6
DOWN
3
SEL
2
COM
5
SW4
MT-008A
R98
10K
R99
10K
R100
10K
R101
10K
R102
10K
C43
100nF
C44
100nF
C45
100nF
C46
100nF
C47
100nF
R103
10R
GND
GND
VCC
JOY_SEL
JOY_LEFT
JOY_RIGHT
JOY_UP
JOY_DOWN
JOY_SEL
JOY_LEFT
JOY_RIGHT
JOY_UP
JOY_DOWN
TP6 SMD/0.8mm
TP7 SMD/0.8mm
TP8 SMD/0.8mm
TP9 SMD/0.8mm
TP10SMD/0.8mm
TP12SMD/0.8mm
TP13SMD/0.8mm
TP14SMD/0.8mm
TP15SMD/0.8mm
TP16SMD/0.8mm
TP17SMD/0.8mm
TP19SMD/0.8mm
TP20SMD/0.8mm
TP21SMD/0.8mm
TP22SMD/0.8mm
TP23SMD/0.8mm
TP26SMD/0.8mm
TP11
SMD/0.8mm
TP18
SMD/0.8mm
TP24
SMD/0.8mm
TP25
SMD/0.8mm
TP27
SMD/0.8mm
TP28
SMD/0.8mm
TP29
SMD/0.8mm
MCU_USB_ID
MCU_USB_D_N
MCU_USB_D_P
R107
1K5
ST25DX_I2C_SDA
R108
1K5
VCC
R109
NC
R110
510R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com