Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2209 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM2209
Description  Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2209 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM2209 Datasheet HTML 9Page - STMicroelectronics UM2209 Datasheet HTML 10Page - STMicroelectronics UM2209 Datasheet HTML 11Page - STMicroelectronics UM2209 Datasheet HTML 12Page - STMicroelectronics UM2209 Datasheet HTML 13Page - STMicroelectronics UM2209 Datasheet HTML 14Page - STMicroelectronics UM2209 Datasheet HTML 15Page - STMicroelectronics UM2209 Datasheet HTML 16Page - STMicroelectronics UM2209 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
UM2209
Bill of materials
DocID030568 Rev 1
13/17
4
Bill of materials
Table 2: Bill of materials
Item
Quantity
Reference
Part/Value
Description
Manufacturer
Order code
1
8
C19,C20,C21,C22,C23,
C24,C25,C26
22nF, 50V,
+/- 10%
Ceramic
MLCC
Kemet
C0603C223
K1RACTU
2
12
C4,C8,C9,C10,C11,C1
2,C13,C14,C15,C16,C1
7,C18
10pF, 50V,
+/-5%
Ceramic
capacitor
MULTICOMP
MCMT15N1
00F100CT
3
1
C6
10uF, 63V
, +/- 10%
Low ESR
Rubycon
63YXF10M5
X11
4
1
C27
47uF, 10V,
+/- 10%
MLCC Low
ESR
Murata
GRM31CR6
1A476KE15
L
5
1
C28
220nF,
10V, +/-
10%
Kemet
C0603C224
K8RACTU
6
1
C5
100nF,
50V, +/-
10%
Murata
GCM188R71
H104KA43D
7
2
C1,C3
4.7nF, 3kV
,
Vishay / BC
Components
VY1472M63
Y5UQ63V0
8
2
C2,C7
2.2uF,
100V, +/-
10%
MLCC Low
ESR
TDK
C3225X7R2
A225K230A
B
9
1
D1
Transil
series diode
ST
SMC30J30C
A
10
1
D2
High
Voltage
Power
Schottky
Rectifier
ST
STPS1H100
A
11
1
D4
CHIPLED
OSRAM Opto
Semiconducto
rs
LR Q396
12
8
D5,D6,D7,D8,D9,D10,
D11,D12
CHIPLED
OSRAM Opto
Semiconducto
rs
LT Q39G-
Q1S2-25-1
13
1
D3
Small signal
Schottky
diodes
ST
BAT48JFILM
14
1
CN5
Samtec
SSQ-110-
03-L-S
15
2
CN6,CN9
Samtec
SSQ-108-
03-L-S
16
1
CN8
Samtec
SSQ-106-
03-L-S
17
1
J5
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com