Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBULC6-2F4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # USBULC6-2F4
Description  2-line, ultralow capacitance protection in 0.3 mm pitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2F4 Datasheet(HTML) 2 Page - STMicroelectronics

  USBULC6-2F4 Datasheet HTML 1Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 2Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 3Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 4Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 5Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 6Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 7Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
USBULC6-2F4
2/8
DocID025277 Rev 1
1
Characteristics
Figure 3. Electrical characteristics - definitions
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
IEC 61000-4-2, level 4, contact discharge
±8kV
PPP
Peak pulse power dissipation (8/20 µs)
60
W
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
-30 to + 85
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 2. Electrical characteristics - values (Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
-
V
IRM
VRM = 3 V per line
-
-
100
nA
CLINE
VLINE = 0 V, VOSC = 30 mV, F = 1 MHz
-
-
1.5
pF
Rd
Dynamic resistance,
pulse duration 100 ns
I/O to GND
-
0.73
-
Ω
GND to I/O
-
0.72
-
C
=
Line capacitance
LINE
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
V
=
Clamping voltage
I
=
Peak pulse current
BR
RM
RM
RM
CL
PP
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
I
=
Forward current
F
V
=
Forward voltage
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com