Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS78C120 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS78C120
Description  Dual CMOS Compatible Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS78C120 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS78C120 Datasheet HTML 1Page - National Semiconductor (TI) DS78C120 Datasheet HTML 2Page - National Semiconductor (TI) DS78C120 Datasheet HTML 3Page - National Semiconductor (TI) DS78C120 Datasheet HTML 4Page - National Semiconductor (TI) DS78C120 Datasheet HTML 5Page - National Semiconductor (TI) DS78C120 Datasheet HTML 6Page - National Semiconductor (TI) DS78C120 Datasheet HTML 7Page - National Semiconductor (TI) DS78C120 Datasheet HTML 8Page - National Semiconductor (TI) DS78C120 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
18V
Input Voltage
g
25V
Strobe Voltage
18V
Output Sink Current
50 mA
Maximum Power Dissipation at 25 C
Cavity Package
1433 mW
Molded Package
1362 mW
Derate cavity package 96 mW C above 25 C derate molded package
109 mW C above 25 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
15
V
Temperature (TA)
DS78C120
b
55
a
125
C
DS88C120
0
a
70
C
Common-Mode Voltage (VCM)
b
15
a
15
V
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max Units
VTH
Differential Threshold
IOUT eb200 mA
b
7V s VCM s 7V
006
02
V
Voltage
VOUT t VCC b 12V
b
15V s VCM s 15V
006
03
V
VTL
Differential Threshold
IOUT e 16 mAVOUT s 05V
b
7V s VCM s 7V
b
008
b
02
V
Voltage
b
15V s VCM s 15V
b
008
b
03
V
VTH
Differential Threshold
IOUT eb 200 mA
b
7V s VCM s 7V
047
07
V
Voltage Fail-Safe
VOUT t VCC b 12V
VTL
Offset e 5V
IOUT e 16 mA VOUT s 05V
b
7V s VCM s 7V
02
042
V
RIN
Input Resistance
b
15V sVCM s 15V 0V s VCC s 15V
4
5
kX
RT
Line Termination Resistance TA e 25 C
100
180
300
X
RO
Offset Control Resistance
TA e 25 C56
kX
IIND
Data Input Current
0V s VCC s 15V
VCM e 10V
2
31
mA
(Unterminated)
VCM e 0V
0
b
05
mA
VCM eb10V
b
2
b
31
mA
VTHB
Input Balance
IOUT e 200 mA VOUT t
b
7V s VCM s 7V
01
04
V
(Note 5)
VCC b 12V RS e 500X
IOUT e 16 mA VOUT s 05V
b
7V s VCM s 7V
b
01
b
04
V
RS e 500X
VOH
Logical ‘‘1’’ Output Voltage
IOUT eb200 mA VDIFF e 1V
VCC b 12 VCC b 075
V
VOL
Logical ‘‘0’’ Output Voltage
IOUT e 16 mA VDIFF eb1V
025
05
V
ICC
Power Supply Current
15V s VCM s b15V
VCC e 55V
8
15
mA
VDIFF eb05V (Both Receivers)
VCC e 15V
15
30
mA
IIN(1)
Logical ‘‘1’’ Strobe Input
VSTROBE e 15V VDIFF e 3V
15
100
m
A
Current
IIN(0)
Logical ‘‘0’’ Strobe Input
VSTROBE e 0V VDIFF eb3V
b
05
b
100
m
A
Current
VIH
Logical ‘‘1’’ Strobe Input
VOL s 05V IOUT e 16 mA
VCC e 5V
35
25
V
Voltage
VCC e 10V
80
50
V
VCC e 15V
125
75
V
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com