Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RCT6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32F091RCT6
Description  STM32 Nucleo-64 boards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RCT6 Datasheet(HTML) 2 Page - STMicroelectronics

  STM32F091RCT6 Datasheet HTML 1Page - STMicroelectronics STM32F091RCT6 Datasheet HTML 2Page - STMicroelectronics STM32F091RCT6 Datasheet HTML 3Page - STMicroelectronics STM32F091RCT6 Datasheet HTML 4Page - STMicroelectronics STM32F091RCT6 Datasheet HTML 5Page - STMicroelectronics STM32F091RCT6 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Description
NUCLEO-XXXXRX NUCLEO-XXXXRX-P
2/6
DocID025838 Rev 10
Description
The STM32 Nucleo board provides an affordable and flexible way for users to try out new
concepts and build prototypes with the STM32 microcontroller, choosing from the various
combinations of performance, power consumption and features. For the compatible boards,
the SMPS significantly reduces power consumption in Run mode.
The Arduino™ Uno V3 connectivity support and the ST morpho headers allow the easy
expansion of the functionality of the STM32 Nucleo open development platform with a wide
choice of specialized shields.
The STM32 Nucleo board does not require any separate probe as it integrates the
ST-LINK/V2-1 debugger and programmer.
The STM32 Nucleo board comes with the STM32 comprehensive software HAL library
together with various packaged software examples, as well as direct access to the Arm®
Mbed™ online resources at http://mbed.org.
System requirement
•
Windows® OS (7, 8 and 10), Linux® 64-bit or macOS®
•
USB Type-A to Mini-B cable or USB Type-A to Micro-B cable
Development toolchains
•
Keil®: MDK-ARM(a)
•
IAR™: EWARM(a)
•
GCC-based IDEs including free SW4STM32 from AC6
•
Arm® Mbed™ online(b) (see http://mbed.org)
Demonstration software
The demonstration software, included in the STM32Cube MCU Package, is preloaded in the
STM32 Flash memory for easy demonstration of the device peripherals in standalone mode.
The latest versions of the demonstration source code and associated documentation can be
downloaded from the www.st.com/stm32nucleo website.
a. On Windows® only.
b. Refer to the https://www.mbed.com website and to Table 2: Ordering information, to determine which
Nucleo-board order codes are supported.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com