Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52B8V2JS Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BZT52B8V2JS
Description  200 mW Zener Diode 3.0 to 75 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZT52B8V2JS Datasheet(HTML) 2 Page - Micro Commercial Components

  BZT52B8V2JS Datasheet HTML 1Page - Micro Commercial Components BZT52B8V2JS Datasheet HTML 2Page - Micro Commercial Components BZT52B8V2JS Datasheet HTML 3Page - Micro Commercial Components BZT52B8V2JS Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.mccsemi.com
Revision: F
2 of 4
2017/06/14
Electrical Characteristics@25 C
O
Part Number
Nominal Zener Voltage
Max. Zener Impedance
Max Reverse
Leakage Current
Marking
Code
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Nom. V
Min. V
Max. V
Ω
mA
Ω
mA
μAV
BZT52B5V1JS
5.1
5.00
5.20
60
5.0
480
1.00
2.0
2
.0
2
W8/8Z
BZT52B5V6JS
5.6
5.49
5.71
40
5.0
400
1.00
1
.0
2
.0
2
W9/9Z
BZT52B6V2JS
6.2
6.08
6.32
1
0
5.0
150
1.00
3
.0
4
.0
2
WA/AZ
BZT52B6V8JS
6.8
6.66
6.94
15
5.0
141
1.00
2
.0
4
.0
2
WB/BZ
BZT52B7V5JS
7.5
7.35
7.65
15
5.0
80
1.00
1
.0
5.0
2
WC/CZ
BZT52B8V2JS
8.2
8.04
8.36
15
5.0
80
1.00
0.7
5
.0
2
WD/DZ
BZT52B9V1JS
9.1
8.92
9.28
15
5.0
100
1.00
0.5
6
.0
2
WE/EZ
BZT52B10JS
10
9.80
10.20
20
5.0
150
1.00
0.2
7.0
2
WF/FZ
BZT52B11JS
11
10.78
11.22
20
5.0
150
1.00
0.1
8.0
2
WG/GZ
BZT52B12JS
12
11.76
12.24
25
5.0
150
1.00
0.1
8
.0
2
WH/HZ
BZT52B13JS
13
12.74
13.26
30
5.0
170
1.00
0.1
8
.0
2
W I/JZ
BZT52B15JS
15
14.70
15.30
30
5.0
200
1.00
0.1
10.5
2
WJ/KZ
BZT52B16JS
16
15.68
16.32
40
5.0
200
1.00
0.1
11.2
2
WK/LZ
BZT52B18JS
18
17.64
18.36
45
5.0
225
1.00
0.1
12.6
2
WL/MZ
BZT52B20JS
20
19.60
20.40
55
5.0
225
1.00
0.1
14.0
2
WM/NZ
BZT52B22JS
22
21
.56
22
.44
51
5.0
235
1.00
0.045
15.4
PZ
BZT52B24JS
24
23.52
24.48
65
5.0
235
1.00
0
.045
16.8
RZ
BZT52B27JS
27
26
.46
27.54
75
5.0
282
0
.50
0.045
18.9
SZ
BZT52B30JS
30
29.40
30.60
75
5.0
282
0
.50
0
.045
21.0
TZ
BZT52B33JS
33
32
.34
33
.66
75
5.0
306
0
.50
0.045
23.0
UZ
BZT52B36JS
36
35.28
36.72
84
5.0
329
0
.50
0
.045
25.2
VZ
BZT52B39JS
39
38
.22
39
.78
122
5.0
329
0
.50
0.045
27.3
WZ
BZT52B43JS
43
42.14
43.86
141
5.0
353
0
.50
0
.045
30.1
XZ
BZT52B47JS
47
46.06
47
.94
160
5.0
353
0
.50
0.045
33.0
YZ
BZT52B51JS
51
49.98
52.02
169
5.0
376
0
.50
0
.045
35.7
ZZ
BZT52B4V3JS
4
.3
4
.21
4
.39
84
5.0
564
1.00
2.7
1
.0
6Z
BZT52B4V7JS
4
.7
4
.61
4
.79
75
5.0
564
1.00
2
.7
2
.0
7Z
BZT52B3V6JS
3
.6
3
.53
3
.67
84
5.0
564
1.00
4.5
1
.0
4Z
BZT52B3V9JS
3
.9
3
.82
3
.98
84
5.0
564
1.00
2
.7
1
.0
5Z
BZT52B3V0JS
3
.0
2
.94
3
.06
89
5.0
564
1.00
9.0
1
.0
2Z
BZT52B3V3JS
3
.3
3
.23
3
.37
89
5.0
564
1.00
4
.5
1
.0
3Z
Micro Commercial Components
M C C
R
BZT52B56JS
56
54.88
57.12
135
2.5
1000
1.00
0
.100
42.0
X
2
BZT52B62JS
62
60.76
63.24
1
50
2.5
1000
0.
100
46.0
X3
BZT52B68JS
68
66.64
69.36
200
2.5
0
.100
51.0
X4
BZT52B75JS
75
73.50
76.50
250
2.5
0
.100
56.0
X5
1000
1000
1.00
1.00
1.00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com