Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL4100 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL4100
Description  500mW Silicon Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4100 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL4100 Datasheet HTML 1Page - Micro Commercial Components DL4100 Datasheet HTML 2Page - Micro Commercial Components DL4100 Datasheet HTML 3Page - Micro Commercial Components DL4100 Datasheet HTML 4Page - Micro Commercial Components DL4100 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DL4614
THRU
DL41
25
500mW Silicon
Zener Diodes
Features
•
Zener Voltage Range = 1.8V to
47V
•
Double Slug Type Construction
Maximum Ratings
Symbol
Value
Units
Max. Steady State Power
Dissipation at
TL<75
OC, Lead Length=3/8”
PD
500
mW
Junction Temperature
TJ
175
oC
Storage Temperature Range
TSTG
-55 to 175
oC
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Maximum
Unit
Max. Forward Voltage
@ IF=
200mA
VF
1.
1
V
Mechanical Data
•
Case: Double slug type, hermetically sealed glass
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
•
Metallurgical Bonded Construction
Revision: B
20
12/08/03
www.mccsemi.com
1 of 5
•
Marking : Cathode band and type number
Thermal Resistance, Junction
to lead @3/8" lead length
from body
RthJL
250
oC/W
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Moisture Sensitivity: Level 1
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
A
B
C
Cathode Mark
MINIMELF
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
∅
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT


Similar Part No. - DL4100

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL4148 DCCOM-DL4148 Datasheet
259Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
500mW 100 Volt Silicon Switching Diode
logo
Shanghai Lunsure Electr...
DL4148 CHENYI-DL4148 Datasheet
100Kb / 3P
500mw high speed switching diode 100 volt
logo
Micro Commercial Compon...
DL4148 MCC-DL4148 Datasheet
462Kb / 4P
500mW High Speed Switching Diode 100 Volt
DL4148 MCC-DL4148 Datasheet
469Kb / 4P
500mW High Speed Switching Diode 100 Volt Surface Mount Applications
More results

Similar Description - DL4100

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
500mW Silicon Zener Diodes
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
500mW SILICON ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com