Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH2 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LSH2
Description  500 mW Zener Diode 1.9 to 37.2 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LSH2 Datasheet(HTML) 1 Page - Micro Commercial Components

  LSH2 Datasheet HTML 1Page - Micro Commercial Components LSH2 Datasheet HTML 2Page - Micro Commercial Components LSH2 Datasheet HTML 3Page - Micro Commercial Components LSH2 Datasheet HTML 4Page - Micro Commercial Components LSH2 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LSH2 Series
THRU
LSH36 Series
500 mW
Zener Diode
1.9 to 37.2 Volts
Features
•
Low Leakage
•
Low Zener Impedance
•
High Reliability
Maximum Ratings
Symbol
Rating
Rating
Unit
PD
Power dissipation
500
W
TJ
Junction Temperature
-55 to +175
OC
TSTG
Storage Temperature Range
-55 to +175
OC
Zener Voltage V
Z (V)
5
10
15
20
25
30
35
40
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
0
Fig.1 Zener current Vs. Zener voltage
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 2
2006/05/12
Quadro MELF
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.063
1.40
1.60
∅
D
.067
1.70
.155”
.022”
.065”
A
B
Cathode Mark
C
D
TM
Micro Commercial Components
www.mccsemi.com
1 of 5


Similar Part No. - LSH2

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LSH20-150 SAFT-LSH20-150 Datasheet
441Kb / 2P
3.6 V Primary lithium-thionyl chloride D-sized cell for operation up to 150째C in demanding environments
logo
Rohm
LSH2001-AA10A ROHM-LSH2001-AA10A Datasheet
166Kb / 5P
Ultra-small multi-line sensor heads, covering the character recognition
LSH2001-AA10A ROHM-LSH2001-AA10A Datasheet
924Kb / 5P
Ultra-small Contact Image Sensor Heads, covering the character recognition
LSH2001-AA10A ROHM-LSH2001-AA10A_11 Datasheet
924Kb / 5P
Ultra-small Contact Image Sensor Heads, covering the character recognition
More results

Similar Description - LSH2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H11-A1 MCC-H11-A1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-A2 MCC-H11-A2 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-B1 MCC-H11-B1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-B2 MCC-H11-B2 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-B3 MCC-H11-B3 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H12-A1 MCC-H12-A1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H12-A2 MCC-H12-A2 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H12-A3 MCC-H12-A3 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H15-1 MCC-H15-1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com