Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5242 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # LS5242
Description  500 mW Zener Diode 2.4 to 75 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LS5242 Datasheet(HTML) 2 Page - Micro Commercial Components

  LS5242 Datasheet HTML 1Page - Micro Commercial Components LS5242 Datasheet HTML 2Page - Micro Commercial Components LS5242 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
PART
NUMBER
NOMINAL ZENER
VOLTAGE VZ @ IZT
TEST
CURRENT IZT
MAXIMUM ZENER IMPEDANCE
‘B’ SUFFIX ONLY
ZZT @ IZT
ZZK @IZK = 0.25mA
MAXIMUM REVERSE
LEAKAGE CURRENT
IR
@
VR
MAX. ZENER VOLTAGE
TEMP COEFFICIENT ‘B’
SUFFIX ONLY
VOLTS
mA
OHMS
OHMS
µA
VOLTS
% / °C
LS5221
2.4
20
30
1200
100
1.0
-0.085
2.5
20
30
1250
100
1.0
-0.085
2.7
20
30
1300
75
1.0
-0.080
2.8
20
30
1400
75
1.0
-0.080
3.0
20
29
1600
50
1.0
-0.075
3.3
20
28
1600
25
1.0
-0.070
3.6
20
24
1700
15
1.0
-0.065
3.9
20
23
1900
10
1.0
-0.060
4.3
20
22
2000
5.0
1.0
±0.055
4.7
20
19
1900
5.0
2.0
±0.030
5.1
20
17
1600
5.0
2.0
±0.030
5.6
20
11
1600
5.0
3.0
+0.038
6.0
20
7.0
1600
5.0
3.5
+0.038
6.2
20
7.0
1000
5.0
4.0
+0.045
6.8
20
5.0
750
3.0
5.0
+0.050
7.5
20
6.0
500
3.0
6.0
+0.058
8.2
20
8.0
500
3.0
6.5
+0.062
8.7
20
8.0
600
3.0
6.5
+0.065
9.1
20
10
600
3.0
7.0
+0.068
10
20
17
600
3.0
8.0
+0.075
11
20
22
600
2.0
8.4
+0.076
12
20
30
600
1.0
9.1
+0.077
13
9.5
13
600
0.5
9.9
+0.079
14
9.0
15
600
0.1
10
+0.082
15
8.5
16
600
0.1
11
+0.082
16
7.8
17
600
0.1
12
+0.083
17
7.4
19
600
0.1
13
+0.084
18
7.0
21
600
0.1
14
+0.085
19
6.6
23
600
0.1
14
+0.086
20
6.2
25
600
0.1
15
+0.086
22
5.6
29
600
0.1
17
+0.087
24
5.2
33
600
0.1
18
+0.088
25
5.0
35
600
0.1
19
+0.089
27
4.6
41
600
0.1
21
+0.090
28
4.5
44
600
0.1
21
+0.091
30
4.2
49
600
0.1
23
+0.091
33
3.8
58
700
0.1
25
+0.092
36
3.4
70
700
0.1
27
+0.093
39
3.2
80
800
0.1
30
+0.094
43
3.0
93
900
0.1
33
+0.095
47
2.7
105
1000
0.1
36
+0.095
51
2.5
125
1100
0.1
39
+0.096
56
2.2
150
1300
0.1
43
+0.096
60
2.1
170
1400
0.1
46
+0.097
62
2.0
185
1400
0.1
47
+0.097
68
1.8
230
1600
0.1
52
+0.097
75
1.7
270
1700
0.1
56
+0.098
NOTE 1: Table as shown lists type numbers, which indicate a tolerance of ±20% with guaranteed limits on only Vz, IR, and VF. Devices with
guaranteed limits on all six parameters are indicated by suffix “ A” for ±10%, “ B” for ±5%, “ C” for ±2%, and “ D” for ±1% tolerance
NOTE 2: The electrical characteristics are measured after allowing the device to stabilize for 20 seconds.
NOTE 3: Temperature coefficient (áVZ). Test conditions for temperature coefficient are as follows:
a.
IZT = 7.5mA, TI = 25
oCT2 = 125oC (LS5221 thru LS5242)
b.
IZT = Rated IZT, TI = 25
oC, T2 = 125oC (LS5243 thru LS52
67)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
MCC
LS5221 thru LS52
67
Revision: 4
2009/01/20
www.mccsemi.com
2 of 3
TM
Micro Commercial Components
LS5222
LS5223
LS5224
LS5225
LS5226
LS5227
LS5228
LS5229
LS5230
LS5231
LS5232
LS5233
LS5234
LS5235
LS5236
LS5237
LS5238
LS5239
LS5240
LS5241
LS5242
LS5243
LS5244
LS5245
LS5246
LS5247
LS5248
LS5249
LS5250
LS5251
LS5252
LS5253
LS5254
LS5255
LS5256
LS5257
LS5258
LS5259
LS5260
LS5261
LS5262
LS5263
LS5264
LS5265
LS5266
LS5267



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com