Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD561 Datasheet(PDF) 3 Page - Analog Devices

Part # AD561
Description  LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD561 Datasheet(HTML) 3 Page - Analog Devices

  AD561 Datasheet HTML 1Page - Analog Devices AD561 Datasheet HTML 2Page - Analog Devices AD561 Datasheet HTML 3Page - Analog Devices AD561 Datasheet HTML 4Page - Analog Devices AD561 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Operating Temperature Range ...................................................................-55°C to +125°C
Storage Temperature Range ......................................................................-65°C to +150°C
Power Dissipation .....................................................................................................500mW
Lead Temperature (Soldering, 60 sec.) ..................................................................... 300°C
Maximum Junction Temperature (TJ)....................................................................... +175°C
Supply Voltage ...........................................................................................................±16.5V
Digital Input Voltage (VIN).............................................................................. VCC to Ground
Output Voltage Compliance (VOUT) ................................................................... -2V to +10V
10V Span Resistor to Ground .............................................................................. VCC to VEE
Thermal Resistance, Sidebrazed (D) Package
Junction-to-Case ( JC) = 30°C/W Max
Junction-to-Ambient ( JA) = 100°C/W Max
:
TABLE I NOTES:
1/
VCC = +5V, VEE = -15V, unless otherwise specified.
2/
Also tested in CMOS mode. VCC = +15V, VEE = -15V, VIH = 10.5V, VIL = 4.5V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com