Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1671 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1671
Description  12-Bit A/D Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1671 Datasheet(HTML) 2 Page - Analog Devices

  AD1671 Datasheet HTML 1Page - Analog Devices AD1671 Datasheet HTML 2Page - Analog Devices AD1671 Datasheet HTML 3Page - Analog Devices AD1671 Datasheet HTML 4Page - Analog Devices AD1671 Datasheet HTML 5Page - Analog Devices AD1671 Datasheet HTML 6Page - Analog Devices AD1671 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AD1671
ASD0010777 Rev. M | Page 2 of 7
3.0
Absolute Maximum Ratings. (TA = 25°C, unless otherwise noted)
VCC to ACOM.............................................................................................................-0.5V to +6.5V
VEE to ACOM.............................................................................................................-6.5V to +0.5V
VLOGIC to DCOM.........................................................................................................-0.5V to +6.5V
ACOM to DCOM........................................................................................................-1.0V to +1.0V
VCC to VLOGIC ..............................................................................................................-6.5V to +6.5V
ENCODE to DCOM....................................................................................................-0.5V to VLOGIC +0.5V
REF IN, BPO/UPO to ACOM ....................................................................................-0.5V to VCC +0.5V
AIN to ACOM.............................................................................................................-11V to +11V
Power Dissipation .....................................................................................................1000mW
Operating Temperature Range..................................................................................-55°C to +125°C
Storage Temperature Range.....................................................................................-65°C to +150°C
Lead Temperature (Soldering, 60 sec.) ....................................................................+300°C
Junction Temperature (TJ).........................................................................................+150°C
3.1.
Thermal Characteristics:
Thermal Resistance, SBDIP (D) Package
Junction-to-Case (ΘJC) = 28°C/W Max
Junction-to-Ambient (ΘJA) = 60°C/W Max
Thermal Resistance, Bottom brazed (F) Package
Junction-to-Case (ΘJC) = 22°C/W Max
Junction-to-Ambient (ΘJA) = 60°C/W Max
Figure 2. Functional block diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com