Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 21Page - Analog Devices AD9671EBZ Datasheet HTML 22Page - Analog Devices AD9671EBZ Datasheet HTML 23Page - Analog Devices AD9671EBZ Datasheet HTML 24Page - Analog Devices AD9671EBZ Datasheet HTML 25Page - Analog Devices AD9671EBZ Datasheet HTML 26Page - Analog Devices AD9671EBZ Datasheet HTML 27Page - Analog Devices AD9671EBZ Datasheet HTML 28Page - Analog Devices AD9671EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 24 of 60
Table 10. High-Pass Filter Cutoff Frequency, fHP, for CLG = 10 nF
Address
0x120[4:3]
gm
(mS)
LNAGAIN =
15.6 dB
LNAGAIN =
17.9 dB
LNAGAIN =
21.6 dB
00 (default)
0.5
41 kHz
55 kHz
83 kHz
01
1.0
83 kHz
110 kHz
167 kHz
10
1.5
133 kHz
178 kHz
267 kHz
11
2.0
167 kHz
220 kHz
330 kHz
For other values of CLG, determine the high-pass filter cutoff
frequency by scaling the values from Table 10 or calculating
based on CLG, LNAGAIN, and gm, as shown in Equation 6.
LG
HP
LG
m
GAIN
LG
HP
C
f
C
g
LNA
C
f
nF
10
2
1
)
(
(6)
where fHP is the high-pass filter cutoff frequency (see Table 10).
Variable Gain Amplifier (VGA)
The differential X-AMP VGA provides precise input attenu-
ation and interpolation. It has a low input referred noise of
2.5 nV/√Hz and excellent gain linearity. The VGA is driven by
a fully differential input signal from the LNA. The X-AMP archi-
tecture produces a linear in dB gain law conformance and low
distortion levels—deviating only ±0.5 dB or less from the ideal.
The gain slope is monotonic with respect to the control voltage
and is stable with variations in process, temperature, and supply.
The resulting total gain range is 45 dB, which allows for range
loss at the endpoints.
The X-AMP inputs are part of a PGA that completes the VGA.
The PGA in the VGA can be programmed to a gain of 21 dB, 24
dB, 27 dB, or 30 dB, allowing optimization of channel gain for
different imaging modes in the ultrasound system. The VGA
bandwidth is greater than 100 MHz. The input stage is designed
to ensure excellent frequency response uniformity across the gain
setting. For TGC mode, this input stage minimizes time delay
variation across the gain range.
Gain Control
The analog gain control interface, GAIN±, is a differential
input. VGAIN varies the gain of all VGAs through the interpolator
by selecting the appropriate input stages connected to the input
attenuator. The nominal VGAIN range is 14 dB/V from −1.6 V to
+1.6 V, with the best gain linearity from approximately −1.44 V
to +1.44 V, where the error is typically less than ±0.5 dB. For
VGAIN voltages of greater than 1.44 V and less than −1.44 V, the
error increases. The value of GAIN± can exceed the supply
voltage by 1 V without gain foldover.
Gain control response time is typically 750 ns to settle within 10%
of the final value for a change from minimum to maximum gain.
The differential input pins, GAIN+ and GAIN−, can interface
to an amplifier, as shown in Figure 38. Decouple and drive the
GAIN+ and GAIN− pins to accommodate a 3.2 V full-scale input.
ADA4938-x1
1ADA4938-x REFERS TO THE ADA4938-1 AND ADA4938-2 DEVICES
249Ω
AD9671
249Ω
±0.8V DC
AT 0.8V CM
±0.8V DC
AT 0.8V CM
±1.6V
249Ω
0.8V CM
249Ω
100Ω
0.01µF
GAIN+
GAIN–
0.01µF
100Ω
31.3kΩ
10kΩ
Figure 38. Differential GAIN± Pin Configuration
Use Address 0x011, Bits[7:4], to disable the analog gain control
and to control the attenuator digitally. The control range is
45 dB and the step size is 3.5 dB.
VGA Noise
In a typical application, a VGA compresses a wide dynamic
range input signal to within the input span of an ADC. The
input referred noise of the LNA limits the minimum resolvable
input signal, whereas the output referred noise, which depends
primarily on the VGA, limits the maximum instantaneous dynamic
range that can be processed at any one particular gain control
voltage. This latter limit is set in accordance with the total noise
floor of the ADC.
The output referred noise is a flat 40 nV/√Hz (postamp gain =
24 dB) over most of the gain range because it is dominated by
the fixed output referred noise of the VGA. At the high end of the
gain control range, the noise of the LNA and the source prevail.
The input referred noise reaches its minimum value near the
maximum gain control voltage, where the input referred
contribution of the VGA is miniscule.
At lower gains, the input referred noise and, therefore, the noise
figure increase as the gain decreases. The instantaneous dynamic
range of the system is not lost, however, because the input capacity
increases as the input referred noise increases. The contribution of
the ADC noise floor has the same dependence. The important
relationship is the magnitude of the VGA output noise floor
relative to that of the ADC.
Gain control noise is a concern in very low noise applications.
Thermal noise in the gain control interface can modulate the
channel gain. The resulting noise is proportional to the output
signal level and is usually evident only when a large signal is
present. Take care to minimize noise impinging at the GAIN±
inputs. Use an external RC filter to remove VGAIN source noise.
Ensure that the filter bandwidth is sufficient to accommodate the
desired control bandwidth and attenuate unwanted switching noise
from the external DACs used to drive the gain control.
The AD9671 can bypass the GAIN± inputs and control the gain
of the attenuator digitally (see the Gain Control section). This
mode removes any external noise contributions when active gain
control is not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com