Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9675 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9675
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9675 Datasheet HTML 17Page - Analog Devices AD9675 Datasheet HTML 18Page - Analog Devices AD9675 Datasheet HTML 19Page - Analog Devices AD9675 Datasheet HTML 20Page - Analog Devices AD9675 Datasheet HTML 21Page - Analog Devices AD9675 Datasheet HTML 22Page - Analog Devices AD9675 Datasheet HTML 23Page - Analog Devices AD9675 Datasheet HTML 24Page - Analog Devices AD9675 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 20 of 60
CW DOPPLER MODE
fIN = 5 MHz, fLO = 20 MHz, 4LO mode, RS = 50 Ω, LNA gain = 21.6 dB, LNA bias = midhigh, all CW channels enabled, phase rotation = 0°.
Figure 31. Noise Figure vs. Baseband Frequency
Figure 32. Output Referred SNR vs. Baseband Frequency
10
0
0
10000
BASEBAND FREQUENCY (Hz)
1
2
3
4
5
6
7
8
9
1000 2000 3000 4000 5000 6000 7000 8000 9000
165
130
0
10000
BASEBAND FREQUENCY (Hz)
160
155
150
145
140
135
1000 2000 3000 4000 5000 6000 7000 8000 9000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com