Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C2000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C2000
Description  N Male to N Male LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax with HeatShrink, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.5
1
2
3
6
GHz
Insertion Loss (Typ.)
0.083
0.125
0.183
0.229
0.332
dB/ft
[0.27]
[0.41]
[0.6]
[0.75]
[1.09]
[dB/m]
Power Handling
(Max.)
440
300
220
170
110
Watts
.
Electrical Specification Notes:
Insertion loss does not include the loss of the connectors.
Insertion loss is estimated as 0.05 x sqrt(fGHz) dB per connector.
Passive intermodulation is measured with two 20W tones at 1.8 GHz.
Mechanical Specifications
Cable Assembly
.
Weight
0.05 lbs [22.68 g]
Cable
Cable Type
PE-SR402FLJ Low PIM
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
1
Outer Conductor Material and Plating
Tinned Copper Braid
Outer Conductor Diameter
0.141 in [3.58 mm]
Jacket Material
PVC LSZH
Jacket Diameter
0.161 in [4.09 mm]
.
Repeated Minimum Bend Radius
1.5 in [38.1 mm]
PE3C2000 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax with Heat-
Shrink, RoHS PE3C2000
RF Cable Assemblies Technical Data Sheet
PE3C2000
N Male to N Male LSZH Jacketed Low PIM Cable Using
SR402FLJ Low PIM Coax with HeatShrink, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com