Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF4061 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMF4061
Description  High Performance 60V Smart Power Stage Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF4061 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMF4061 Datasheet HTML 1Page - ON Semiconductor FDMF4061 Datasheet HTML 2Page - ON Semiconductor FDMF4061 Datasheet HTML 3Page - ON Semiconductor FDMF4061 Datasheet HTML 4Page - ON Semiconductor FDMF4061 Datasheet HTML 5Page - ON Semiconductor FDMF4061 Datasheet HTML 6Page - ON Semiconductor FDMF4061 Datasheet HTML 7Page - ON Semiconductor FDMF4061 Datasheet HTML 8Page - ON Semiconductor FDMF4061 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF4061 Rev.1.0
1
FDMF4061
– High Performance 60V Smart Power Stage Module
Features
Compact size – 6.0 mm x 7.5 mm PQFN
High current handling: 25A
Next Generation 60V Power MOSFETs:
 Typ. R
DS(on)=2.4(HS) / 2.4(LS) mΩ at VGS=10V, ID=25A
Wide driver power supply voltage range: 10V to 20V
Internal pull-down resistors for PWM inputs (HI,LI)
Short PWM propagation delays
Under-voltage lockout (UVLO)
Fully optimized system efficiency
High performance low profile package
Integrated 60V Half-Bridge gate driver
Fairchild 60V PowerTrench® MOSFETs for clean switching
waveforms and reduced ringing
Low Inductance and low resistance packaging for minimal
operating power losses
Fairchild green packaging and RoHS compliant
Reduced EMI due to low side flip-chip MOSFET
General Description
The FDMF4061 is a compact 60V Smart Power Stage
(SPS) module that is a fully optimized for use in high current
switching applications. The FDMF4061 module integrates a
driver IC plus two N-channel Power MOSFETs into a thermally
enhanced, 6.0 mm x 7.5 mm PQFN package. The PQFN
packaging
provides
very
low
package
inductance
and
resistance improving the current handling capability and
performance of the part. With an integrated approach, the
complete switching power stage is optimized with regards to
driver and MOSFET dynamic performance, system parasitic
inductance, and Power MOSFET RDS(ON). The FDMF4061 uses
Fairchild's
high
performance
PowerTrench
TM
MOSFET
technology, which reduces high voltage and current stresses in
switching applications. The driver IC features a low delay times
and matched PWM input propagation delays, which further
enhance the performance of the part.
Applications
Motor Drives (Power tools & Drowns etc.)
Telecom Half / Full - Bridge DC-DC converters
Buck-Boost Converters
High-current DC-DC Point of Load (POL) converters.
Application Diagram
HI
LI
HB
PH
VIN
SW
HO
HG
VDD
HO
LG
VSS
PGND
VDD
VIN
MCU
CBOOT
RGH
RGL
CVIN
FDMF4061
M
RBOOT
DBOOT
Ordering Information
Part Number
Current Rating
[A]
Input Voltage
[V]
Frequency Max
[kHz]
Device Marking
FDMF4061
25
60
200
FDMF4061
September 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com