Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5822DC Datasheet(PDF) 13 Page - ON Semiconductor

Part # FDMF5822DC
Description  Smart Power Stage (SPS) Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5822DC Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FDMF5822DC Datasheet HTML 9Page - ON Semiconductor FDMF5822DC Datasheet HTML 10Page - ON Semiconductor FDMF5822DC Datasheet HTML 11Page - ON Semiconductor FDMF5822DC Datasheet HTML 12Page - ON Semiconductor FDMF5822DC Datasheet HTML 13Page - ON Semiconductor FDMF5822DC Datasheet HTML 14Page - ON Semiconductor FDMF5822DC Datasheet HTML 15Page - ON Semiconductor FDMF5822DC Datasheet HTML 16Page - ON Semiconductor FDMF5822DC Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF5822DC
• Rev. 1.9
12
PWM
GL
GH-PHASE
(internal)
BOOT-GND
VIH_PWM
VIL_PWM
90%
10%
tFALL_GH
tRISE_GL
SW
tPD_PHGLL
tPD_PLGHL
tD_DEADOFF
tD_DEADON
tFALL_GL
tRISE_GH
90%
10%
90%
10%
90%
10%
tPD_PHGLL = PWM HI to GL LO, VIH_PWM to 90% GL
tFALL_GL = 90% GL to 10% GL
tD_DEADON = LS Off to HS On Dead Time, 10% GL to VBOOT-GND <= PVCC - VF_DBOOT - 1V or BOOT-GND dip start point
tRISE_GH = 10% GH to 90% GH, VBOOT-GND <= PVCC - VF_DBOOT - 1V or BOOT-GND dip start point to GL bounce start point
tPD_PLGHL = PWM LO to GH LO, VIL_PWM to 90% GH or BOOT-GND decrease start point, tPD_PLGLH - tD_DEADOFF - tFALL_GH
tFALL_GH = 90% GH to 10% GH, BOOT-GND decrease start point to 90% VSW or GL dip start point
tD_DEADOFF = HS Off to LS On Dead Time, 90% VSW or GL dip start point to 10% GL
tRISE_GL = 10% GL to 90% GL
tPD_PLGLH = PWM LO to GL HI, VIL_PWM to 10% GL
tPD_PLGLH
PVCC - VF_DBOOT - 1V
90%
Figure 27.
PWM Timing Diagram
VIH_PWM
VTRI_HI
(9)
VTRI_LO
VIL_PWM
(12)
3-State
Window
3-State
Window
VIH_PWM
(11)
VTRI_HI
VTRI_LO
(10)
VIL_PWM
PWM
GH-PHASE
GL
(7)
(8)
(8)
(7)
Figure 28.
PWM Threshold Definition
Notes:
7.
The timing diagram in Figure 28 assumes very slow ramp on PWM.
8.
Slow ramp of PWM implies the PWM signal remains within the 3-state window for a time >>> tD_HOLD-OFF.
9.
VTRI_HI = PWM trip level to enter 3-state on PWM falling edge.
10. VTRI_LO = PWM trip level to enter 3-state on PWM rising edge.
11. VIH_PWM = PWM trip level to exit 3-state on PWM rising edge and enter the PWM HIGH logic state.
12. VIL_PWM = PWM trip level to exit 3-state on PWM falling edge and enter the PWM LOW logic state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com