Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6705B Datasheet(PDF) 7 Page - ON Semiconductor

Part # FDMF6705B
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6705B Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FDMF6705B Datasheet HTML 3Page - ON Semiconductor FDMF6705B Datasheet HTML 4Page - ON Semiconductor FDMF6705B Datasheet HTML 5Page - ON Semiconductor FDMF6705B Datasheet HTML 6Page - ON Semiconductor FDMF6705B Datasheet HTML 7Page - ON Semiconductor FDMF6705B Datasheet HTML 8Page - ON Semiconductor FDMF6705B Datasheet HTML 9Page - ON Semiconductor FDMF6705B Datasheet HTML 10Page - ON Semiconductor FDMF6705B Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6705B • Rev. 1.0.3
6
Electrical Characteristics
Typical values are VIN = 12 V, VCIN = 5 V, VDRV = 5 V, and TA = +25°C unless otherwise noted.
Symbol
Parameter
Condition
Min. Typ.
Max.
Unit
Thermal Warning Flag
TACT
Activation Temperature
150
°C
TRST
Reset Temperature
135
°C
RTHWN
Pull-Down Resistance
IPLD=5 mA
30
Ω
250ns Timeout Circuit
tD_TIMEOUT Timeout Delay
SW=0 V, Delay Between GH from HIGH to
LOW and GL from LOW to HIGH
250
ns
High-Side Driver
RSOURCE_GH Output Impedance, Sourcing Source Current=100 mA
1
Ω
RSINK_GH
Output Impedance, Sinking
Sink Current=100 mA
0.8
Ω
tR_GH
Rise Time
GH=10% to 90%, CLOAD=1.1 nF
6
ns
tF_GH
Fall Time
GH=90% to 10%, CLOAD=1.1 nF
5
ns
tD_DEADON
LS to HS Deadband Time
GL going LOW to GH going HIGH,
1 V GL to 10% GH
10
ns
tPD_PLGHL
PWM LOW Propagation
Delay
PWM going LOW to GH going LOW,
VIL_PWM to 90% GH
16
30
ns
tPD_PHGHH
PWM HIGH Propagation
Delay (SMOD Held LOW)
PWM going HIGH to GH going HIGH,
VIH_PWM to 10% GH (SMOD=LOW)
30
ns
tPD_TSGHH
Exiting 3-State Propagation
Delay
PWM (from 3-State) going HIGH to GH
going HIGH, VIH_PWM to 10% GH
30
ns
Low-Side Driver
RSOURCE_GL Output Impedance, Sourcing Source Current=100 mA
1
Ω
RSINK_GL
Output Impedance, Sinking
Sink Current=100 mA
0.5
Ω
tR_GL
Rise Time
GL=10% to 90%, CLOAD=2.7 nF
10
ns
tF_GL
Fall Time
GL=90% to 10%, CLOAD=2.7 nF
8
ns
tD_DEADOFF HS to LS Deadband Time
SW going LOW to GL going HIGH,
2.2 V SW to 10% GL
12
ns
tPD_PHGLL
PWM-HIGH Propagation
Delay
PWM going HIGH to GL going LOW,
VIH_PWM to 90% GL
9
25
ns
tPD_TSGLH
Exiting 3-State Propagation
Delay
PWM (from 3-State) going LOW to GL
going HIGH, VIL_PWM to 10% GL
20
ns
Boot Diode
VF
Forward-Voltage Drop
IF=10 mA
0.35
V
VR
Breakdown Voltage
IR=1 mA
22
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com