Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6705V Datasheet(PDF) 13 Page - ON Semiconductor

Part # FDMF6705V
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6705V Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FDMF6705V Datasheet HTML 9Page - ON Semiconductor FDMF6705V Datasheet HTML 10Page - ON Semiconductor FDMF6705V Datasheet HTML 11Page - ON Semiconductor FDMF6705V Datasheet HTML 12Page - ON Semiconductor FDMF6705V Datasheet HTML 13Page - ON Semiconductor FDMF6705V Datasheet HTML 14Page - ON Semiconductor FDMF6705V Datasheet HTML 15Page - ON Semiconductor FDMF6705V Datasheet HTML 16Page - ON Semiconductor FDMF6705V Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6705V • Rev. 1.0.2
12
Adaptive Gate Drive Circuit
The driver IC advanced design ensures minimum
MOSFET dead-time while eliminating potential shoot
through (cross-conduction) currents. It senses the state
of the MOSFETs and adjusts the gate drive adaptively
to ensure they do not conduct simultaneously. Figure 24
provides the relevant timing waveforms. To prevent
overlap during the LOW-to-HIGH switching transition
(Q2 off to Q1 on), the adaptive circuitry monitors the
voltage at the GL pin. When the PWM signal goes
HIGH, Q2 begins to turn off after some propagation
delay (tPD_PHGLL). Once the GL pin is discharged below
~2V, Q1 begins to turn on after adaptive delay tD_DEADON.
To preclude overlap during the HIGH-to-LOW transition
(Q1 off to Q2 on), the adaptive circuitry monitors the
voltage at the VSWH pin. When the PWM signal goes
LOW, Q1 begins to turn off after some propagation
delay (tPD_PLGHL). Once the VSWH pin falls below ~2.2V,
Q2 begins to turn on after adaptive delay tD_DEADOFF.
Additionally, VGS(Q1) is monitored. When VGS(Q1) is
discharged below ~1.2V, a secondary adaptive delay is
initiated, which results in Q2 being driven on after
tD_TIMEOUT, regardless of SW state. This function is
implemented to ensure CBOOT is recharged each
switching cycle in the event that the SW voltage does
not fall below the 2.2V adaptive threshold. Secondary
delay tD_TIMEOUT is longer than tD_DEADOFF.
Figure 24. PWM and 3-StateTiming Diagram
Notes:
tPD_xxx = propagation delay from external signal (PWM, SMOD#, etc.) to IC generated signal.
Example (tPD_PHGLL – PWM going HIGH to LS VGS (GL) going LOW)
tD_xxx = delay from IC generated signal to IC generated signal.
Example (tD_DEADON – LS VGS (GL) LOW to HS VGS (GH) HIGH)
PWM
Exiting 3-state
tPD_PHGLL = PWM rise to LS VGS fall, VIH_PWM to 90% LS VGS
tPD_TSGHH = PWM 3-state to HIGH to HS VGS rise, VIH_PWM to 10% HS VGS
tPD_PLGHL = PWM fall to HS VGS fall, VIL_PWM to 90% HS VGS
tPD_TSGLH = PWM 3-state to LOW to LS VGS rise, VIL_PWM to 10% LS VGS
tPD_PHGHH = PWM rise to HS VGS rise, VIH_PWM to 10% HS VGS (SMOD# held LOW)
SMOD#
Dead Times
tPD_SLGLL = SMOD# fall to LS VGS fall, VIL_SMOD to 90% LS VGS
tD_DEADON = LS VGS fall to HS VGS rise, LS-comp trip value (~2.0V GL) to 10% HS VGS
tPD_SHGLH = SMOD# rise to LS VGS rise, VIH_SMOD to 10% LS VGS
tD_DEADOFF = VSWH fall to LS VGS rise, SW-comp trip value (~2.2V VSWH) to 10% LS VGS
tPD_TSGHH
VSWH
GH
to
VSWH
GL
tPD_PHGLL
tD_HOLD -OFF
90%
less than
tD_HOLD -OFF
Exit
3 State
2.0V
PWM
VIL_PWM
VIH_PWM
VTRI_HI
VIH_PWM
VIH_PWM
10%
tR_GL
tD_HOLD -OFF
tPD_TSGLH
less than
tD_HOLD -OFF
Exit
3-State
VIH PWM
VTRI_HI
VTRI_LO
VIL_PWM
t
PD_PLGHL
tPD_TSGHH
DCM
tF_GH
tR_GH
tD_HOLD-OFF
10%
CCM
DCM
Exit
3-State
90%
10%
90%
Enter
3 -State
Enter
3 -State
tD_DEADOFF
tD_DEADON
Enter
3-State
tF_GL
VIN
VOUT
2.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com