Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6706C Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMF6706C
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6706C Datasheet(HTML) 2 Page - ON Semiconductor

  FDMF6706C Datasheet HTML 1Page - ON Semiconductor FDMF6706C Datasheet HTML 2Page - ON Semiconductor FDMF6706C Datasheet HTML 3Page - ON Semiconductor FDMF6706C Datasheet HTML 4Page - ON Semiconductor FDMF6706C Datasheet HTML 5Page - ON Semiconductor FDMF6706C Datasheet HTML 6Page - ON Semiconductor FDMF6706C Datasheet HTML 7Page - ON Semiconductor FDMF6706C Datasheet HTML 8Page - ON Semiconductor FDMF6706C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
April 2013
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6706C • Rev. 1.0 3
FDMF6706C – Extra-Small, High-Performance, High-
Frequency DrMOS Module
Benefits
Ultra-Compact 6x6 mm PQFN, 72% Space-Saving
Compared to Conventional Discrete Solutions
Fully Optimized System Efficiency
Clean Switching Waveforms with Minimal Ringing
High-Current Handling
Features
Over 93% Peak-Efficiency
High-Current Handling of 43 A
High-Performance PQFN Copper Clip Package
3-State 5 V PWM Input Driver
Shorter Propagation Delays than FDMF6704
Shorter Dead Times than FDMF6704
Skip-Mode SMOD# (Low-Side Gate Turn Off) Input
Thermal Warning Flag for Over-Temperature
Condition
Driver Output Disable Function (DISB# Pin)
Internal Pull-Up and Pull-Down for SMOD# and
DISB# Inputs, Respectively
Fairchild PowerTrench® Technology MOSFETs for
Clean Voltage Waveforms and Reduced Ringing
Fairchild SyncFET™ (Integrated Schottky Diode)
Technology in the Low-Side MOSFET
Integrated Bootstrap Schottky Diode
Adaptive Gate Drive Timing for Shoot-through
Protection
Under-Voltage Lockout (UVLO)
Optimized for Switching Frequencies up to 1 MHz
Low-Profile SMD Package
Fairchild Green Packaging and RoHS Compliant
Based on the Intel® 4.0 DrMOS Standard
Description
The XS™ DrMOS family is Fairchild’s next-generation,
fully optimized, ultra-compact, integrated MOSFET plus
driver power stage solutions for high-current, high-
frequency, synchronous buck DC-DC applications. The
FDMF6706C integrates a driver IC, two power
MOSFETs, and a bootstrap Schottky diode into a
thermally enhanced, ultra-compact 6x6 mm PQFN
package.
With an integrated approach, the complete switching
power stage is optimized with regards to driver and
MOSFET dynamic performance, system inductance,
and Power MOSFET RDS(ON). XS™ DrMOS uses
Fairchild's high-performance PowerTrench® MOSFET
technology, which dramatically reduces switch ringing,
eliminating the need for a snubber circuit in most buck
converter applications.
A new driver IC with reduced dead times and
propagation delays further enhances the performance of
this part. A thermal warning function has been included
to warn of a potential over-temperature situation. The
FDMF6706C also incorporates features, such as Skip
Mode (SMOD), for improved light-load efficiency along
with a 3-state 5 V PWM input for compatibility with a
wide range of PWM controllers.
Applications
High-Performance Gaming Motherboards
Compact Blade Servers, V-Core and Non-V-Core
DC-DC Converters
Desktop Computers, V-Core and Non-V-Core
DC-DC Converters
Workstations
High-Current DC-DC Point-of-Load (POL)
Converters
Networking and Telecom Microprocessor Voltage
Regulators
Small Form-Factor Voltage Regulator Modules
Ordering Information
Part
Number
Current
Rating
Input
Voltage
Switching
Frequency
Package
Top Mark
FDMF6706C
40 A
12 V
1000 kHz
40-Lead, Clipbond PQFN DrMOS,
6.0x6.0 mm Package
FDMF6706C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com