Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75AD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LM75AD
Description  Digital temperature sensor and thermal Watchdog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM75AD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LM75AD Datasheet HTML 6Page - NXP Semiconductors LM75AD Datasheet HTML 7Page - NXP Semiconductors LM75AD Datasheet HTML 8Page - NXP Semiconductors LM75AD Datasheet HTML 9Page - NXP Semiconductors LM75AD Datasheet HTML 10Page - NXP Semiconductors LM75AD Datasheet HTML 11Page - NXP Semiconductors LM75AD Datasheet HTML 12Page - NXP Semiconductors LM75AD Datasheet HTML 13Page - NXP Semiconductors LM75AD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Philips Semiconductors
Product data sheet
LM75A
Digital temperature sensor and thermal Watchdog
™
2004 Oct 05
10
Overtemp shut-down threshold (Tos) and hysteresis (Thyst) registers
These two registers are write/read registers, and also called set-point registers. They are used to store the user-defined temperature limits,
called overtemp shut-down threshold (Tos) and hysteresis (Thyst), for the device Watchdog operation. At the end of each conversion the Temp
data will be compared with the data stored in these two registers in order to set the state of the device OS output accordingly as described in the
“General operation” section.
Each of the set-point registers contains two 8-bit data bytes consisting of one MS data byte and one LS data byte the same as the Temp
register. However, only 9 bits of the two bytes are used to store the set-point data in 2’s complement format with the resolution of 0.5
°C. The
Tos register table (Table 8) and Thyst register table (Table 9) show the bit arrangement of the Tos data and Thyst data in the data bytes.
Notice that because only 9-bit data are used in the set-point registers, the device uses only the 9 MSB bits of the Temp data for data
comparison.
Table 8. Tos register table
Tos MS byte
Tos LS byte
MSB
LSB
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
B7
B6
B5
B4
B3
B2
B1
B0
Tos data (9 bits)
Not used
MSB
LSB
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
Table 9. Thyst register table
Thyst MS byte
Thyst LS byte
MSB
LSB
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
B7
B6
B5
B4
B3
B2
B1
B0
Thyst data (9 bits)
Not used
MSB
LSB
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
When a set-point register is read, all 16 bits are provided to the bus and must be collected by the controller to complete the bus operation.
However, only the 9 significant bits should be used and the 7 LSB bits of the LS byte are equal to zero and should be ignored.
The Tos and Thyst table (Table 10) shows examples of the limit data and value.
Table 10. Tos and Thyst table
Limit data
Limit temp value
11–bit Binary (2’s complement)
3-bit Hex
Decimal value
°C
0111 1101 0
0FAh
250
+125.0
°C
0001 1001 0
032h
50
+25.0
°C
0000 0000 1
001h
1
+0.5
°C
0000 0000 0
000h
0
0.0
°C
1111 1111 1
1FFh
–1
–0.5
°C
1110 0111 0
1CEh
–50
–25.0
°C
1100 1001 0
192h
–110
–55.0
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com