Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6600-10 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6600-10
Description  Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600-10 Datasheet(HTML) 2 Page - Linear Technology

  LT6600-10 Datasheet HTML 1Page - Linear Technology LT6600-10 Datasheet HTML 2Page - Linear Technology LT6600-10 Datasheet HTML 3Page - Linear Technology LT6600-10 Datasheet HTML 4Page - Linear Technology LT6600-10 Datasheet HTML 5Page - Linear Technology LT6600-10 Datasheet HTML 6Page - Linear Technology LT6600-10 Datasheet HTML 7Page - Linear Technology LT6600-10 Datasheet HTML 8Page - Linear Technology LT6600-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT6600-10
2
6600f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain, VS = 3V
VIN = 2VP-P, fIN = DC to 260kHz
– 0.4
0
0.5
dB
VIN = 2VP-P, fIN = 1MHz (Gain Relative to 260kHz)
q
– 0.1
0
0.1
dB
VIN = 2VP-P, fIN = 5MHz (Gain Relative to 260kHz)
q
– 0.4
– 0.1
0.3
dB
VIN = 2VP-P, fIN = 8MHz (Gain Relative to 260kHz)
q
– 0.3
0.1
1
dB
VIN = 2VP-P, fIN = 10MHz (Gain Relative to 260kHz)
q
–0.2
0.3
1.7
dB
VIN = 2VP-P, fIN = 30MHz (Gain Relative to 260kHz)
q
–28
– 25
dB
VIN = 2VP-P, fIN = 50MHz (Gain Relative to 260kHz)
q
–44
dB
Filter Gain, VS = 5V
VIN = 2VP-P, fIN = DC to 260kHz
– 0.5
0
0.5
dB
VIN = 2VP-P, fIN = 1MHz (Gain Relative to 260kHz)
q
– 0.1
0
0.1
dB
VIN = 2VP-P, fIN = 5MHz (Gain Relative to 260kHz)
q
– 0.4
– 0.1
0.3
dB
VIN = 2VP-P, fIN = 8MHz (Gain Relative to 260kHz)
q
– 0.4
0.1
0.9
dB
VIN = 2VP-P, fIN = 10MHz (Gain Relative to 260kHz)
q
– 0.3
0.2
1.4
dB
VIN = 2VP-P, fIN = 30MHz (Gain Relative to 260kHz)
q
–28
–25
dB
VIN = 2VP-P, fIN = 50MHz (Gain Relative to 260kHz)
q
–44
dB
Filter Gain, VS = ±5V
VIN = 2VP-P, fIN = DC to 260kHz
– 0.6
– 0.1
0.4
dB
Filter Gain, RIN = 100Ω, VS = 3V, 5V, ±5V
VIN = 2VP-P, fIN = DC to 260kHz
11.4
12
12.6
dB
Filter Gain Temperature Coefficient (Note 2)
fIN = 260kHz, VIN = 2VP-P
780
ppm/C
Noise
Noise BW = 10kHz to 10MHz, RIN = 402Ω
56
µVRMS
Distortion (Note 4)
1MHz, 2VP-P, RL = 800Ω
2nd Harmonic
88
dBc
3rd Harmonic
97
dBc
5MHz, 2VP-P, RL = 800Ω
2nd Harmonic
74
dBc
3rd Harmonic
77
dBc
Differential Output Swing
Measured Between Pins 4 and 5
VS = 5V
q
3.85
5.0
VP-P DIFF
Pin 7 Shorted to Pin 2
VS = 3V
q
3.85
4.9
VP-P DIFF
Input Bias Current
Average of Pin 1 and Pin 8
q
–85
– 40
µA
Total Supply Voltage ................................................ 11V
Operating Temperature Range (Note 6) ...–40
°C to 85°C
Specified Temperature Range (Note 7) ....–40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S8 PART MARKING
TJMAX = 150°C, θJA = 100°C/W
660010
600I10
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Unless otherwise specified VS = 5V (V+ = 5V, V– = 0V), RIN = 402Ω, and RLOAD = 1k.
LT6600CS8-10
LT6600IS8-10
TOP VIEW
IN+
VMID
V–
OUT –
IN–
VOCM
V+
OUT +
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com