Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1541 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1541
Description  2.5V AND 4.096V VOLTAGE REFERENCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1541 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1541 Datasheet HTML 3Page - Microchip Technology MCP1541 Datasheet HTML 4Page - Microchip Technology MCP1541 Datasheet HTML 5Page - Microchip Technology MCP1541 Datasheet HTML 6Page - Microchip Technology MCP1541 Datasheet HTML 7Page - Microchip Technology MCP1541 Datasheet HTML 8Page - Microchip Technology MCP1541 Datasheet HTML 9Page - Microchip Technology MCP1541 Datasheet HTML 10Page - Microchip Technology MCP1541 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
  0LFURFKLS 7HFKQRORJ\ ,QF
'6$SDJH 
! 

$33/,&$7,216 ,1)250$7,21

%\SDVV &DSDFLWRU
7KH 0&3 DQG 0&3 YROWDJH UHIHUHQFHV GR
QRW UHTXLUH DQLQSXW FDSDFLWRU DFURVV 9,1 WR 966 EXW IRU
DGGHG VWDELOLW\ DQG LQSXW YROWDJH WUDQVLHQW QRLVH UHGXF
WLRQ D —) FHUDPLF FDSDFLWRU LV UHFRPPHQGHG DV
VKRZQ LQ )LJXUH  7KLV FDSDFLWRU VKRXOG EH DV FORVH
WR WKH GHYLFH DV SRVVLEOH ZLWKLQ RQH LQFK 

/RDG &DSDFLWRU
7KH RXWSXW FDSDFLWRU IURP 9287 WR 966 DFWV DV D IUH
TXHQF\ FRPSHQVDWLRQ IRU WKH UHIHUHQFHV DQG FDQQRW EH
RPLWWHG 9DOXHV EHWZHHQ  —) WR  —) DGHTXDWHO\
FRPSHQVDWH WKHVH GHYLFHV $ KLJKHU YDOXH RXWSXW
FDSDFLWRU ZLOO VOLJKWO\ LPSURYH WKH QRLVH DW WKH RXWSXW RI
WKH UHIHUHQFH DV ZHOO DV SURYLGH DGGLWLRQDO FKDUJH IRU
IDVW WUDQVLHQWV IURP WKH ORDG

3ULQWHG &LUFXLW %RDUG /D\RXW
&RQVLGHUDWLRQV
0HFKDQLFDO VWUHVV GXH WR 3& ERDUG PRXQWLQJ FDQ
FDXVH WKH RXWSXW YROWDJH WR VKLIW IURP LWV LQLWLDO YDOXH
'HYLFHV LQ WKH 627 SDFNDJH DUH JHQHUDOO\ PRUH
SURQH WR DVVHPEO\ VWUHVV WKDQ GHYLFHV LQ WKH 72
SDFNDJH 7R UHGXFH VWUHVV UHODWHG RXWSXW YROWDJH VKLIWV
PRXQW WKH UHIHUHQFH RQ ORZ VWUHVV DUHDV RQ WKH 3&
ERDUG VXFK DV WKH ERDUG HGJHV RU FRUQHUV

7\SLFDO $SSOLFDWLRQ &LUFXLWV
%$6,& &,5&8,7 &21),*85$7,21
7KH 0&3 DQG 0&3 YROWDJH UHIHUHQFH
GHYLFHV VKRXOGEHDSSOLHGLQ DOO DSSOLFDWLRQV DVVKRZQ
LQ )LJXUH 
),*85(  %DVLF FLUFXLW FRQILJXUDWLRQ IRU WKH
0&3 DQG 0&3
$V VKRZQ LQ )LJXUH  WKH LQSXW YROWDJH LVFRQQHFWHG
WR WKH GHYLFH DW WKH 9,1 LQSXW ZLWK DQ RSWLRQDO —)
FHUDPLF FDSDFLWRU 7KLV FDSDFLWRU ZRXOG EH UHTXLUHG LI
WKH LQSXW YROWDJH KDV H[FHVV QRLVH $ —) ZRXOG
UHMHFW LQSXW YROWDJH QRLVH DW DSSUR[LPDWHO\ 0+] WR
 0+] 1RLVH EHORZ WKLV IUHTXHQF\ ZLOO EH DPSO\
UHMHFWHG E\ WKH LQSXW YROWDJH UHMHFWLRQ RI WKH YROWDJH UHI
HUHQFH 1RLVH DW IUHTXHQFLHV DERYH  0+] ZLOO EH
EH\RQG WKH EDQGZLGWK RI WKH YROWDJH UHIHUHQFH DQG
FRQVHTXHQWO\ QRW WUDQVPLWWHG IURP WKH LQSXW SLQ WKURXJK
WKH GHYLFH WR WKHRXWSXW
7KHORDGFDSDFLWDQFH &/ LV UHTXLUHGLQ RUGHU WRVWDEL
OL]H WKH YROWDJHUHIHUHQFH

287387),/7(5,1*
,I WKH QRLVH DW WKH RXWSXW RI WKHVH YROWDJH UHIHUHQFHV LV
WRR KLJK IRU WKH SDUWLFXODU DSSOLFDWLRQ LW FDQ EH HDVLO\ ILO
WHUHG ZLWK DQ H[WHUQDO 5& SDLU DQG DPSOLILHU
),*85(  7KH RXWSXW QRLVH RI WKH WKHVH YROWDJH
UHIHUHQFHV FDQ EH IXUWKHU UHGXFHG ZLWK D VLPSOH ORZ
SDVV ILOWHU
7KH 5& SDLU LV VHOHFWHG IRUD GHVLUHG FXWRIIIUHTXHQF\
ZKLFK LV HTXDO WR
7KH YDOXHV WKDW DUH VKRZQ LQ )LJXUH   NΩ DQG
—) ZLOO FUHDWH D ILUVW RUGHU ORZ SDVV ILOWHU DW WKH RXWSXW
RI WKH DPSOLILHU 7KH FRUQHU IUHTXHQF\ RI WKLV ILOWHU
 +] ZLWK DQ DWWHQXDWLRQ RI  G%GHFDGH 7KH
0&3DPSOLILHULVRODWHVWKHORDGLQJ RIWKLVORZSDVV
ILOWHU IURP WKH UHPDLQGHU RI WKHDSSOLFDWLRQ FLUFXLW 7KLV
DPSOLILHU DOVR SURYLGHV DGGLWLRQDO GULYH DQG ZLWK D IDVWHU
UHVSRQVH WLPH DV FRPSDUHG WR WKH YROWDJH UHIHUHQFH

35(&,6,21$'-867$%/(5()(5(1&(
$ SUHFLVLRQ DGMXVWDEOH YROWDJH UHIHUHQFH FDQ EH FRQILJ
XUHG ZLWKWKH FLUFXLW VKRZQ LQ )LJXUH 
966
9287
9,1
&/ —) WR  —)
5HIHUHQFH
2XWSXW
9ROWDJH
,QSXW
0&3
0&3
—)
RSWLRQDO
966
9287
9,1
&/  —)
2XWSXW
9ROWDJH
,QSXW
0&3
5),/  NΩ
&),/ —)
0&3
0&3
±
I&872))


π5),/ &),/
•
()




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com