Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Basedon Datasheet(PDF) 1 Page - Micro Commercial Components

Part # Basedon
Description  1.5 Watt Zener Diode 10 to 200 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

Basedon Datasheet(HTML) 1 Page - Micro Commercial Components

  Basedon Datasheet HTML 1Page - Micro Commercial Components Basedon Datasheet HTML 2Page - Micro Commercial Components Basedon Datasheet HTML 3Page - Micro Commercial Components Basedon Datasheet HTML 4Page - Micro Commercial Components Basedon Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMAJ5925BHE3
THRU
SMAJ5956BHE3
1.5 Watt
Zener Diode
10 to 200 Volts
Features
•
VZ – tolerance:
f
5%
•
For Surface Mount Applications
MaximumRatings
•
Junction Temperature: 150
•
Storage Temperature: -65
to +175
•
1.5 Watt DC Power Dissipation
•
Thermal Resistance Junction to
Lead: 50 /W
0.0
70"
0.0
90 ”
0.085 ”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AC
(SMA)( LEAD FRAME)





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
H
J
E
F
G
A
B
D
C
(TL 75 )
•
Forward Voltage @ 200mA: 1.5 Volts
www.mccsemi.com
Revision:
A
20
15/06/12
Note:
1.
High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free
•
Thermal Resistance Junction to Ambient: 83 /W
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
AEC-Q101 Qualified
•
Low Zener Impedance
•
Low Regulation Factor
1 of 5
Micro Commercial Components
M C C
TM
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#


Similar Part No. - Basedon

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BASE ETC2-BASE Datasheet
178Kb / 1P
requires adjustable volume earphone accessory
logo
AG Electronica
BASE-LAMPARA-UVC-80W-IND AGELECTRONICA-BASE-LAMPARA-UVC-80W-IND Datasheet
167Kb / 2P
BASE P/LÁMPARA C/ROSCA E39 Y ADAPTADOR P/ROSCA E27
Version 1.0
logo
Ohmite Mfg. Co.
BASERIES OHMITE-BASERIES Datasheet
512Kb / 2P
Aluminum Cased Resistor
More results

Similar Description - Basedon

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
1.5 Watt Zener Diode 11 to 200 Volts
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Micro Commercial Compon...
1N5913B MCC-1N5913B_12 Datasheet
263Kb / 3P
1.5 Watt Zener Diode 3.3 to 51 Volts
1N5913BP MCC-1N5913BP_13 Datasheet
509Kb / 5P
1.5 Watt Zener Diode 3.3to 200 Volts
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
SMAJ5922B-TP MCC-SMAJ5922B-TP Datasheet
486Kb / 5P
1.5 Watt Zener Diode 3.3 to 51 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
1.5 Watt Zener Diode 5.1 to 51 Volts
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
1.5 Watt Zener Diode 3.3 to 4.7 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
1.5 Watt Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com