Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1302 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1302
Description  Dual Optocoupler High-Voltage Darlington Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1302 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1302 Datasheet HTML 1Page - IXYS Corporation CPC1302 Datasheet HTML 2Page - IXYS Corporation CPC1302 Datasheet HTML 3Page - IXYS Corporation CPC1302 Datasheet HTML 4Page - IXYS Corporation CPC1302 Datasheet HTML 5Page - IXYS Corporation CPC1302 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1302
www.ixysic.com
3
R06
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0
10
20
30
40
50
LED Current (I
F) vs.
LED Forward Voltage (V
F)
(T
A=25ºC)
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0.1
1
10
100
LED Current (I
F) vs.
LED Forward Voltage (V
F)
(T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
100000
0.1
1
10
100
10000
1000
100
10
LED Current (mA)
V
CE=1.5V
V
CE=1.0V
A
CTR vs. LED Current (I
F)
(T = 25ºC)
LED Forward Current (mA)
0.01
1000
100
10
1
0.1
1
10
100
V
CE=1.0V
V
CE=1.5V
Collector Current vs. LED Current (I
F)
(T
A = 25ºC)
Collector Current vs. Temperature
Temperature (ºC)
(V
CE = 1.2V)
375
300
225
150
75
0
-40
-20
0
20
40
60
80
100
I
F=10mA
I
F=5mA
I
F=1mA
I
F=0.5mA
Collector-Emitter Voltage V
CE (V)
0
180
160
140
120
100
80
60
40
20
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Collector Current vs.
Collector-Emitter Voltage
(T
A=25ºC)
I
F = 1mA
I
F = 0.5mA
I
F = 2mA
I
F = 5mA
I
F = 10mA
Temperature (ºC)
Leakage vs. Temperature
(V
CEO=350V)
3.0
2.5
2.0
1.5
1.0
0.5
0
-40
-20
0
20
40
60
80
120
100
Breakdown Voltage vs. Temperature
Temperature (ºC)
-40
450
440
430
420
410
400
390
380
370
-15
10
35
60
85
Load Resistance ( )
10
100
1K
10K
100K
0.1
1
10
100
1000
Switching Time vs. Load Resistance
(T
A=25ºC)
t
off , IF=16mA
t
off , IF=1.6mA
t
on , IF=1.6mA
t
on , IF=16mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com