Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1302GSTR Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1302GSTR
Description  Dual Optocoupler High-Voltage Darlington Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1302GSTR Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1302GSTR Datasheet HTML 1Page - IXYS Corporation CPC1302GSTR Datasheet HTML 2Page - IXYS Corporation CPC1302GSTR Datasheet HTML 3Page - IXYS Corporation CPC1302GSTR Datasheet HTML 4Page - IXYS Corporation CPC1302GSTR Datasheet HTML 5Page - IXYS Corporation CPC1302GSTR Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1302-R06
1
CPC1302
Dual Optocoupler
High-Voltage Darlington Output
e3
Pb
Part Number
Description
CPC1302G
8-Pin DIP (50/Tube)
CPC1302GS
8-Pin Surface Mount (50/Tube)
CPC1302GSTR
8-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage - BV
CEO
350
V
P
Current Transfer Ratio - CTR
1000-8000
%
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecom Switching
• Tip/Ring Circuits
• Hook Switch
• Modem Switching (Laptop, Notebook, Pocket Size)
• Loop Detect
• Ringing Detect
• Current Sensing
• 350V
P Breakdown Voltage
• 3750V
rms Input/Output Isolation
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
The CPC1302 is a dual optocoupler with two
identical, independent channels, each having a
unidirectional input and a high-voltage Darlington
output. Light output from the highly efficient GaAlAs
infrared LED activates its associated, optically
coupled silicon NPN photo-Darlington output
transistor. The input LED and the output transistor are
separated by a 3750V
rms isolation barrier.
With a LED current of only 1mA, a current transfer
ratio of 1000% to 8000% is guaranteed at the
collector of the 350V Darlington output transistor.
The CPC1302's low input current capability with
high current transfer ratios, output voltage capability,
and isolation barrier rating make it ideal for many
applications such as telecom, industrial, and power
control.
Approvals
• UL 1577 Approved Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN 60950 Certified Component:
TUV Certificate B 10 05 49410 006
1
2
8
7
3
4
A
K
A
K
C
E
C
E
6
5


Similar Part No. - CPC1302GSTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1302GSTR CLARE-CPC1302GSTR Datasheet
119Kb / 5P
Dual Optocoupler, High-Voltage Darlington Output
logo
Littelfuse
CPC1302GSTR LITTELFUSE-CPC1302GSTR Datasheet
195Kb / 6P
Dual Optocoupler High-Voltage Darlington Output
11/18/2025
More results

Similar Description - CPC1302GSTR

ManufacturerPart #DatasheetDescription
logo
NEC
PS2603 NEC-PS2603 Datasheet
119Kb / 4P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
Clare, Inc.
CPC1301 CLARE-CPC1301 Datasheet
117Kb / 5P
Optocoupler, High-Voltage Darlington Output
CPC1302 CLARE-CPC1302 Datasheet
119Kb / 5P
Dual Optocoupler, High-Voltage Darlington Output
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
CPC1301 IXYS-CPC1301 Datasheet
126Kb / 6P
Optocoupler with High-Voltage Darlington Output
logo
Vishay Siliconix
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com