Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW201 Datasheet(PDF) 3 Page - Analog Devices

Part # SW201
Description  QUAD SPST JFET ANALOG SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SW201 Datasheet(HTML) 3 Page - Analog Devices

  SW201 Datasheet HTML 1Page - Analog Devices SW201 Datasheet HTML 2Page - Analog Devices SW201 Datasheet HTML 3Page - Analog Devices SW201 Datasheet HTML 4Page - Analog Devices SW201 Datasheet HTML 5Page - Analog Devices SW201 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(TA = 25°C, unless otherwise noted)
Operating Temperature Range....................................................................-55°C to +125°C
Storage Temperature Range .......................................................................-65°C to +150°C
Power Dissipation .....................................................................................................900mW
Lead Temperature (Soldering, 60 sec.)..................................................................... +300°C
Maximum Junction Temperature (TJ) ........................................................................+150°C
V+ Supply to V- Supply ...................................................................................................36V
V+ Supply to Ground.......................................................................................................36V
Logic Input Voltage Range ..............................................................(-4V or V-) to V+ Supply
Analog Input Voltage
Continuous ................................................................... V- Supply to V+ Supply +20V
1% Duty Cycle and Driving all 4 inputs
................................................ V- Supply
–15V to V+ Supply +20V
Maximum Current Through Any Pin .............................................................................30mA
Thermal Resistance, Q (cerdip) Package
Junction-to-Case (
JC) = 29°C/W Max
Junction-to-Ambient (
JA) = 91°C/W Max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com