Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3983BCD Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3983BCD
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983BCD Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3983BCD Datasheet HTML 3Page - Diodes Incorporated AP3983BCD Datasheet HTML 4Page - Diodes Incorporated AP3983BCD Datasheet HTML 5Page - Diodes Incorporated AP3983BCD Datasheet HTML 6Page - Diodes Incorporated AP3983BCD Datasheet HTML 7Page - Diodes Incorporated AP3983BCD Datasheet HTML 8Page - Diodes Incorporated AP3983BCD Datasheet HTML 9Page - Diodes Incorporated AP3983BCD Datasheet HTML 10Page - Diodes Incorporated AP3983BCD Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP3983B/C/D
Document number: DS36784 Rev. 4 - 2
7 of 13
www.diodes.com
July 2016
© Diodes Incorporated
AP3983B/C/D
Operation Description (Cont.)
D
S
AUX
AUX
V
V
N
N
V
O
………(5)
Where VD is the diode forward drop voltage, NAUX is the turns of auxiliary winding, and NS is the turns of secondary winding.
See equation 5
VAUX
0V
Portion of tONS
tONS
Figure 3. Auxiliary Voltage Waveform
The output voltage is different from the secondary voltage in a diode forward drop voltage VD which depends on the current. If the secondary
voltage is always detected at a constant secondary current, the difference between the output voltage and the secondary voltage will be a fixed VD.
The voltage detection point is portion of tONS after D1 is turned on. The CV loop control function of AP3983B/C/D then generates a D1 off-time to
regulate the output voltage.
Constant Current Operation
The AP3983B/C/D is designed to work in constant current (CC) mode. Figure 4 shows the secondary current waveforms.
Is
0A
See equation 7
tONS
tOFFS
IOUT
Figure 4. Secondary Current Waveform
In CC operation, the CC loop control function of AP3983B/C/D will keep a fixed proportion between D1 on-time tONS and D1 off-time tOFFS by
discharging or charging the built-in capacitance connected. This fixed proportion is
4
4
OFFS
ONS
t
t
……… (6)
The relation between the output constant-current and secondary peak current IPKS is given by:
OFFS
ONS
ONS
PKS
OUT
t
t
t
I
I
2
1
………(7)
At the instant of D1 turn-on, the primary current transfers to the secondary at an amplitude of:
PK
S
P
PKS
I
N
N
I
………(8)
Thus the output constant current is given by:
PK
S
P
OUT
I
N
N
I
4
1
………(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com