Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1963FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1963FE
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1963FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1963FE Datasheet HTML 1Page - Toshiba Semiconductor RN1963FE Datasheet HTML 2Page - Toshiba Semiconductor RN1963FE Datasheet HTML 3Page - Toshiba Semiconductor RN1963FE Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RN1961FE~RN1966FE
2002-01-29
2
Electrical Characteristics (Ta
==== 25°C) (Q1, Q2 common)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50 V, IE = 0
¾
¾
100
Collector cut-off current
RN1961FE~1966FE
ICEO
VCE = 50 V, IB = 0
¾
¾
500
nA
RN1961FE
0.82
¾
1.52
RN1962FE
0.38
¾
0.71
RN1963FE
0.17
¾
0.33
RN1964FE
VEB = 10 V, IC = 0
0.082
¾
0.15
RN1965FE
0.078
¾
0.145
Emitter cut-off current
RN1966FE
IEBO
VEB = 5 V, IC = 0
0.074
¾
0.138
mA
RN1961FE
30
¾
¾
RN1962FE
50
¾
¾
RN1963FE
70
¾
¾
RN1964FE
80
¾
¾
RN1965FE
80
¾
¾
DC current gain
RN1966FE
hFE
VCE = 5 V, IC = 10 mA
80
¾
¾
Collector-emitter
saturation voltage
RN1961FE~1966FE
VCE (sat)
IC = 5 mA,
IB = 0.25 mA
¾
0.1
0.3
V
RN1961FE
1.1
¾
2.0
RN1962FE
1.2
¾
2.4
RN1963FE
1.3
¾
3.0
RN1964FE
1.5
¾
5.0
RN1965FE
0.6
¾
1.1
Input voltage (ON)
RN1966FE
VI (ON)
VCE = 0.2 V, IC = 5 mA
0.7
¾
1.3
V
RN1961FE~1964FE
1.0
¾
1.5
Input voltage (OFF)
RN1965FE, 1966FE
VI (OFF)
VCE = 5 V, IC = 0.1 mA
0.5
¾
0.8
V
Transition frequency
RN1961FE~1966FE
fT
VCE = 10 V, IC = 5 mA
¾
250
¾
MHz
Collector output
capacitance
RN1961FE~1966FE
Cob
VCB = 10 V, IE = 0,
f
= 1 MHz
¾
3
6
pF
RN1961FE
3.29
4.7
6.11
RN1962FE
7
10
13
RN1963FE
15.4
22
28.6
RN1964FE
32.9
47
61.1
RN1965FE
1.54
2.2
2.86
Input resistor
RN1966FE
R1
¾
3.29
4.7
6.11
k
W
RN1961FE~1964FE
0.9
1.0
1.1
RN1965FE
0.0421 0.0468 0.0515
Resistor ratio
RN1966FE
R1/R2
¾
0.09
0.1
0.11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com