Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA3842BD Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA3842BD
Description  SMPS Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA3842BD Datasheet(HTML) 2 Page - ON Semiconductor

  KA3842BD Datasheet HTML 1Page - ON Semiconductor KA3842BD Datasheet HTML 2Page - ON Semiconductor KA3842BD Datasheet HTML 3Page - ON Semiconductor KA3842BD Datasheet HTML 4Page - ON Semiconductor KA3842BD Datasheet HTML 5Page - ON Semiconductor KA3842BD Datasheet HTML 6Page - ON Semiconductor KA3842BD Datasheet HTML 7Page - ON Semiconductor KA3842BD Datasheet HTML 8Page - ON Semiconductor KA3842BD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Low Start up Current
• Maximum Duty Clamp
• UVLO With Hysteresis
• Operating Frequency up to 500KHz
Description
The KA3842B/KA3843B/KA3844B/KA3845B are fixed
frequency current-mode PWM controller. They are
specially designed for Off - Line and DC-to-DC converter
applications with minimum external components.
These
integrated circuits feature a trimmed oscillator for precise
duty cycle control, a temperature compensated reference,
high gain error amplifier, current sensing comparator and a
high current totempole output for driving a power MOSFET.
The KA3842B and KA3844B have UVLO thresholds of
16V (on) and 10V (off). The KA3843B and KA3845B are
8.5V (on) and 7.9V (off). The KA3842B and KA3843B can
operate within
100% duty cycle.
The
KA3844B and
KA3845B can operate with 50% duty cycle.
8-DIP
14-SOP
1
1
Internal Block Diagram
KA3842B/KA3843B/KA3844B/
KA3845B
SMPS Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com