Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13671 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F13671
Description  Angela RefPack
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13671 Datasheet(HTML) 1 Page - Ledil, Inc.

  F13671 Datasheet HTML 1Page - Ledil, Inc. F13671 Datasheet HTML 2Page - Ledil, Inc. F13671 Datasheet HTML 3Page - Ledil, Inc. F13671 Datasheet HTML 4Page - Ledil, Inc. F13671 Datasheet HTML 5Page - Ledil, Inc. F13671 Datasheet HTML 6Page - Ledil, Inc. F13671 Datasheet HTML 7Page - Ledil, Inc. F13671 Datasheet HTML 8Page - Ledil, Inc. F13671 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRODUCT DATASHEET
Angela series
last update 17/3/2014
DETAILS
Product Number
FC13991_ANGELA-RZ-S
Family
Angela
Type
RefPack
Color
metal
Diameter
119,5 mm
Height
74,5 mm
Style
round
Optic Material
PC
Holder Material
Fastening
screw, socket
Status
production ready
ROHS Compliant
Yes
Date Updated
17/03/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V13 Gen7
10 deg
Spot
86 %
10.500
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON K12
9 deg
Spot
90 %
13.000
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON K16
10 deg
Spot
90 %
11.000
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON CoB 1204/1205
10 deg
Spot
85 %
13.100
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
COB J-Type
12 deg
Spot
86 %
7.700
IDEAL: 50-2103NC + 50-2100AN
PrevaLED Core Z4 LES19
12 deg
Spot
85 %
8.100
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 15 Standard
11 deg
Spot
84 %
9.200
TE: OPTIC CLIP Z50 TYPE1 2213194-1
AC Zhaga COB
10 deg
Spot
84 %
10.100
Optosource: SEHSMJD-A
SLE G1 15mm 2000lm 927 Sunset R EXC
11 deg
Spot
87 %
10.500
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
SLE G1 11mm 1000lm 927 Sunset R EXC
9 deg
Spot
87 %
14.700
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
February 8th 2018 2:13 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F13671

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F136 FOX-F136 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F136 FOX-F136 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
logo
Ledil, Inc.
F13659 LEDIL-F13659 Datasheet
5Mb / 110P
Angelina Reflector
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
Angelina Reflector
F13661 LEDIL-F13661 Datasheet
6Mb / 110P
Angelina Reflector
More results

Similar Description - F13671

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13706 CREE-FCN13706 Datasheet
2Mb / 40P
ANGELA series
F13380 CREE-F13380 Datasheet
5Mb / 108P
ANGELA series
F13840 CREE-F13840 Datasheet
5Mb / 88P
ANGELA series
logo
Ledil, Inc.
CN14182 LEDIL-CN14182 Datasheet
422Kb / 5P
Mirella RefPack
FCN14697 LEDIL-FCN14697 Datasheet
537Kb / 8P
Barbara RefPack
FC13992 LEDIL-FC13992 Datasheet
1Mb / 20P
Angela RefPack
FC13993 LEDIL-FC13993 Datasheet
1Mb / 20P
Angela RefPack
FN15270 LEDIL-FN15270 Datasheet
2Mb / 41P
Angelette RefPack
FN15272 LEDIL-FN15272 Datasheet
1Mb / 23P
Angelette RefPack
FC13973 LEDIL-FC13973 Datasheet
1Mb / 23P
Angelina RefPack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com