Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM627R Datasheet(PDF) 4 Page - Micro Electronics

Part # SM627R
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SM627R Datasheet(HTML) 4 Page - Micro Electronics

  SM627R Datasheet HTML 1Page - Micro Electronics SM627R Datasheet HTML 2Page - Micro Electronics SM627R Datasheet HTML 3Page - Micro Electronics SM627R Datasheet HTML 4Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM625/SM626/SM627
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
Note 1. All packages are viewed from the top.
2. Case is electrically isolated.
3. Contact factory for additional screening available.
4-PIN TO-66 METAL CAN
R - PACKAGE
Ambient
Temperature Range
SM625R
0
°C to 70°C
SM625HRR
-55
°C to 125°C
SM626R
0
°C to 70°C
SM626HRR
-55
°C to 125°C
SM627R
0
°C to 70°C
SM627HRR
-55
°C to 125°C
Part No.
Package
Connection Diagram
POSITIVE OUTPUT
POSITIVE INPUT
DRIVE
COMMON
1
23
4
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Note Below)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com