Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML310BAT Datasheet(PDF) 2 Page - Rohm

Part # SML310BAT
Description  Small,chip LEDs (Blue.Green)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML310BAT Datasheet(HTML) 2 Page - Rohm

  SML310BAT Datasheet HTML 1Page - Rohm SML310BAT Datasheet HTML 2Page - Rohm SML310BAT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SML31*Series
LED lamps
2/3
!
!
!
!
Electrical and optical characteristics (Ta=25
°C)
Parameter
Forward voltage
Reverse
current
Type
SML310BAT
Blue
Blue
Blue
3.8
Typ.
Color
3.5
3.5
4.7
Max.
20
IF(mA)
Max.
IR(
µA)
VR(V)
Cond.
Peak
wavelength
Typ.
λP(m)
IF(mA)
Cond.
Spectral line
half width
Typ.
∆λ(nm)
IF(mA)
Cond.
Cond.
VF(V)
Luminous intensity
Min.
Typ.
IF(mA)
Cond.
IV(mcd)
100
5
1.4
5.6
36
3.6
20
428
20
65
26
36
20
20
20
20
20
468
523
20
20
14
90
5
5
100
100
20
20
4.2
4.2
SML311BBT
SML311EBT
!
!
!
!
Directional pattern
ANGLE (˚)
RELATIVE LUMINOUS INTENSITY (%)
0
50
100
50
100
0
10
10
20
20
30
40
50
60
70
80
90
30
40
50
60
70
80
90
(X'-Y' )
ANGLE (˚)
RELATIVE LUMINOUS INTENSITY (%)
Fig. 1 Directional pattern
0
50
100
50
100
0
10
10
20
20
30
40
50
60
70
80
90
30
40
50
60
70
80
90
(X-Y)
!
!
!
!
Electrical characteristics curves
FORWARD VOLTAGE : VF
(V)
Fig.2 Forward current
vs. forward voltage
20
10
2.0
1.0
2.5
3.0
3.5
4.0
Ta
=25
SML311
50
SML310
C
5.0
1.4
1.2
1.0
0.8
0.6
0.4
40
−20
20
0
60
80
1.6
IF=20mA
Fig.3 Lumirons intensity
vs.casetemperature
CASE TEMPERATURE : Tc
( )
C
SML311
SML310
010
20
0
50
100
150
FORWARD CURRENT:(mA)
Fig.4Luminous intensity
vs. forward current
Ta
=25
SML311
SML310
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com