Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15272 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # FN15272
Description  Angelette RefPack
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15272 Datasheet(HTML) 2 Page - Ledil, Inc.

  FN15272 Datasheet HTML 1Page - Ledil, Inc. FN15272 Datasheet HTML 2Page - Ledil, Inc. FN15272 Datasheet HTML 3Page - Ledil, Inc. FN15272 Datasheet HTML 4Page - Ledil, Inc. FN15272 Datasheet HTML 5Page - Ledil, Inc. FN15272 Datasheet HTML 6Page - Ledil, Inc. FN15272 Datasheet HTML 7Page - Ledil, Inc. FN15272 Datasheet HTML 8Page - Ledil, Inc. FN15272 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
1/1
SIZE
A3
DRAWING TITLE
Datasheet_ANGELETTE-WW
PART NUMBER ANGELETTE-WW
ANGELETTE-WW-PLAIN
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Customer may add additional light modifying parts to Angelette family(excluding the plain versions):
Minumum height of additional part is 1.5mm and maximum is 2.2mm. Diameter is 105.9mm 0.3
NOTE:
ANGELETTE-WW-PLAIN
ANGELETTE-WW
110
Top view
Additional part:
F13671_ANGE-RZ-LENS
57.26 + Basepart
6.5
Front view
Additional part:
F15176_ANGELETTE-LENS
F15412_ANGELETTE-DL
Section view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com