Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F15635 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # F15635
Description  Ronda Assembly
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15635 Datasheet(HTML) 2 Page - Ledil, Inc.

  F15635 Datasheet HTML 1Page - Ledil, Inc. F15635 Datasheet HTML 2Page - Ledil, Inc. F15635 Datasheet HTML 3Page - Ledil, Inc. F15635 Datasheet HTML 4Page - Ledil, Inc. F15635 Datasheet HTML 5Page - Ledil, Inc. F15635 Datasheet HTML 6Page - Ledil, Inc. F15635 Datasheet HTML 7Page - Ledil, Inc. F15635 Datasheet HTML 8Page - Ledil, Inc. F15635 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
F15635
Ronda-HLD-C
PC
white
SCALE
1:1 WEIGHT
8,4 g
SHEET
1/1
SIZE
A3
DRAWING TITLE
F15635_Ronda-HLD-C
PART NUMBER
F15635
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
53.9
25.64
55
16.6
Isometric view
(2:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com