Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15975 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15975
Description  Ronda Assembly
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15975 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15975 Datasheet HTML 1Page - Ledil, Inc. FN15975 Datasheet HTML 2Page - Ledil, Inc. FN15975 Datasheet HTML 3Page - Ledil, Inc. FN15975 Datasheet HTML 4Page - Ledil, Inc. FN15975 Datasheet HTML 5Page - Ledil, Inc. FN15975 Datasheet HTML 6Page - Ledil, Inc. FN15975 Datasheet HTML 7Page - Ledil, Inc. FN15975 Datasheet HTML 8Page - Ledil, Inc. FN15975 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PRODUCT DATASHEET
Ronda series
last update 22/1/2018
DETAILS
Product Number
FN15975_RONDA-WAS2-C
Family
Ronda
Type
Assembly
Color
clear
Diameter
53,9 mm
Height
23,65 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
socket
Status
production ready
ROHS Compliant
Yes
Date Updated
22/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V10 Gen7
sim: AsymmetricAsymmetric -
sim: 0.800 LEDiL: F15255_HEKLA-SOCKET-C
V6 Gen6
Asymmetric degAsymmetric 89 %
0.960
LEDiL: F15253_HEKLA-SOCKET-A
Vesta TW 9mm (12W)
Asymmetric degAsymmetric 86 %
0.740
LEDiL: C16142_HEKLA-SOCKET-K
VERO10
Asymmetric degAsymmetric 89 %
0.780
-
CLL02x/CLU02x (LES10)
Asymmetric degAsymmetric 87 %
0.770
LEDiL: F15255_HEKLA-SOCKET-C
CLL03x/CLU03x
Asymmetric degAsymmetric 86 %
0.610
LEDiL: F15859_HEKLA-SOCKET-I
CLU700/701
Asymmetric degAsymmetric 88 %
0.960
LEDiL: F15255_HEKLA-SOCKET-C
CLC020 Series (Dim-To-Warm)
Asymmetric degAsymmetric 86 %
0.820
LEDiL: C16142_HEKLA-SOCKET-K
CXA/B 15xx
Asymmetric degAsymmetric 89 %
0.810
LEDiL: F15256_HEKLA-SOCKET-D
CXA/B 13xx
Asymmetric degAsymmetric 89 %
0.970
LEDiL: F15956_HEKLA-SOCKET-J
LUXEON CoB 1202s
Asymmetric degAsymmetric 89 %
0.940
LEDiL: F15848_HEKLA-SOCKET-G
COB T-Type
sim: AsymmetricAsymmetric sim: 83 % sim: 1.070 LEDiL: F15848_HEKLA-SOCKET-G
LC020C
Asymmetric degAsymmetric 88 %
0.810
LEDiL: F15848_HEKLA-SOCKET-G
LC010C
Asymmetric degAsymmetric 87 %
0.860
LEDiL: F15848_HEKLA-SOCKET-G
COB D Series LES 9.8 mm
Asymmetric degAsymmetric 87 %
0.760
LEDiL: F15255_HEKLA-SOCKET-C
COB D Series LES 14.5 mm
Asymmetric degAsymmetric 87 %
0.600
LEDiL: F15859_HEKLA-SOCKET-I
SLE G6 LES10
sim: AsymmetricAsymmetric sim: 93 % sim: 0.937 LEDiL: F15255_HEKLA-SOCKET-C
February 5th 2018 3:13 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FN15975

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15970 LEDIL-FN15970 Datasheet
2Mb / 35P
Ronda Assembly
FN15970 LEDIL-FN15970 Datasheet
8Mb / 9P
~25째 spot beam with holder C compatible with LEDiL HEKLA
FN15970 LEDIL-FN15970_18 Datasheet
8Mb / 9P
~25째 spot beam with holder C compatible with LEDiL HEKLA
FN15971 LEDIL-FN15971 Datasheet
2Mb / 37P
Ronda Assembly
FN15971 LEDIL-FN15971 Datasheet
5Mb / 10P
Asymmetric beam for wall washing with holder C compatible with LEDiL HEKLA
More results

Similar Description - FN15975

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN15314 CREE-FCN15314 Datasheet
1Mb / 9P
Ronda series
FCN15316 CREE-FCN15316 Datasheet
1Mb / 9P
Ronda series
FCN15740 CREE-FCN15740 Datasheet
1Mb / 5P
Ronda series
FCN15302 CREE-FCN15302 Datasheet
1Mb / 5P
Ronda series
logo
Ledil, Inc.
FN15971 LEDIL-FN15971 Datasheet
2Mb / 37P
Ronda Assembly
FN15998 LEDIL-FN15998 Datasheet
1Mb / 27P
Ronda Assembly
FN15966 LEDIL-FN15966 Datasheet
2Mb / 36P
Ronda Assembly
FN15968 LEDIL-FN15968 Datasheet
2Mb / 37P
Ronda Assembly
FN15970 LEDIL-FN15970 Datasheet
2Mb / 35P
Ronda Assembly
FN15972 LEDIL-FN15972 Datasheet
2Mb / 39P
Ronda Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com