Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05M Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB05M
Description  0.5 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB05M Datasheet(HTML) 1 Page - Micro Commercial Components

  MB05M_13 Datasheet HTML 1Page - Micro Commercial Components MB05M_13 Datasheet HTML 2Page - Micro Commercial Components MB05M_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB05
M
THRU
MB10
M
0.5 Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Glass Passivated Diode Construction
High Surge Overload Rating:35A peak
Saves Space on Printed Circuit Board
High Temperature Soldering Guaranteed: 260
/10 Second
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB05M
MB05M
50V
35V
50V
MB1M
MB1M
100V
70V
100V
MB2M
MB2M
200V
140V
200V
MB4M
MB4M
400V
280V
400V
MB6M
MB6M
600V
420V
600V
MB8M
MB8M
800V
560V
800V
MB10M
MB10M
1000V
700V
1000V
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5 A
(1)
0.8 A
(2)
See Fig.1
Peak Forward Surge
Current
IFSM
35A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 0.4A;
TA = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5 A
100 A
TA = 25
TA = 125
Typical Thermal
Resistance
R JA
R JA
R JL
85
/W
(1)
70
/W
(2)
20
/W
(1)
per leg
Typical Junction
Capacitance
CJ
13pF
Measured at
1.0MHz, VR=4.0V
Rating For Fusing
I
2t
5.0A
2s
t<8.30ms
Operating Junction
and Storage
Temperature Range
TJ
TSTG
-55to+150
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
Revision: C
2013/12/13
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
MB-1










A
.195
.205
4.95
5.21
B
.095
.105
2.41
2.67
C
.144
.161
3.65
4.10
D
.179
.190
4.55
4.83
F
.090
.106
2.30
2.70
G
.017
.029
0.43
0.74
H
.132
.203
3.35
5.16
K
.006
.016
0.15
0.41
L
.137
.147
3.48
3.73

 1
5
 1
5
N
.020
.028
0.51
0.71
N
 !"#$%
!&'(










∼∼∼∼
∼∼∼∼


E
TM
Micro Commercial Components
E
.039
.049
0.99
1.24
www.mccsemi.com
1 of 3
2. On glass epoxy P.C.B. mounted on 0.05 x 0.05”(1.3 x 1.3mm)pads
3. On aluminum substrate P.C.B. with an area of 0.8” x 0.8”(20 x 20mm) mounted
on 0.05 x 0.05”(1.3x 1.3mm) solder pad
~
~
-
+
Case Style
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Terminals: Plated Leads Solderable per MIL-STD-750, Method
2026
Maximum Ratings


Similar Part No. - MB05M_13

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MB05M JUXING-MB05M_17 Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
logo
GUANGDONG HOTTECH INDUS...
MB05M HOTTECH-MB05M_18 Datasheet
165Kb / 2P
0.8 AMP BRIDGE RECTIFIERS
More results

Similar Description - MB05M_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
GBPC25005 MCC-GBPC25005 Datasheet
173Kb / 3P
25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
DB201S KISEMICONDUCTOR-DB201S Datasheet
252Kb / 2P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
DB101L MCC-DB101L Datasheet
415Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
MB05S MCC-MB05S_16 Datasheet
188Kb / 3P
0.5 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MBL1S MCC-MBL1S Datasheet
274Kb / 3P
0.5 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com