Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB22S Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MB22S
Description  2 Amp Surface Mount Rectifier 20 to 100 Volts Schottky Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB22S Datasheet(HTML) 2 Page - Micro Commercial Components

  MB22S Datasheet HTML 1Page - Micro Commercial Components MB22S Datasheet HTML 2Page - Micro Commercial Components MB22S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MB22S thru MB210S
MCC
Revision: E
2015/01/13
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
RATING AND CHARACTERISTIC CURVES
Reverse Voltage (Volts)
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
0.1
1.0
10
100
100
1000
10
TJ=25 °C
f=1.0MHz
TJ=25 °C
TJ=75 °C
TJ=100 °C
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
Lead Temperature ( °C)
2.4
2.0
1.6
1.2
0.8
0.4
MB22S~MB24S
1
10
100
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
1
10
100
TJ=125 °C
10000
1000
100
10
1.0
0.1
0
20
40
60
80
100
TJ=25 °C
T J=100 °C
T J=125 °C
T J=150 °C
Percent of Rated Peak Reverse Voltage ( %)
Fig. 6 - Typical Reverse Characteristics
MB26S~MB210S
MB22S~MB26S
MB28S~MB210S
Fig. 3 - Typical Instantaneour Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
pulse width =300 µS
1% duty cycle, T j
=25 °C
10
1.0
0.1
0.01
MB26S
MB28S~MB210S
MB22S~MB24S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com