Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS148 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS148
Description  10 LINE TO 4 LINE AND 8 LINE TO 3 LINE PRIORITY ENCODERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS148 Datasheet(HTML) 2 Page - Texas Instruments

  SN54LS148 Datasheet HTML 1Page - Texas Instruments SN54LS148 Datasheet HTML 2Page - Texas Instruments SN54LS148 Datasheet HTML 3Page - Texas Instruments SN54LS148 Datasheet HTML 4Page - Texas Instruments SN54LS148 Datasheet HTML 5Page - Texas Instruments SN54LS148 Datasheet HTML 6Page - Texas Instruments SN54LS148 Datasheet HTML 7Page - Texas Instruments SN54LS148 Datasheet HTML 8Page - Texas Instruments SN54LS148 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN54147, SN54148, SN54LS147, SN54LS148
SN74147, SN74148 (TIM9907), SN74LS147, SN74LS148
10LINE TO 4LINE AND 8LINE TO 3LINE PRIORITY ENCODERS
SDLS053B − OCTOBER 1976 − REVISED MAY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information
These TTL encoders feature priority decoding of the inputs to ensure that only the highest-order data line is
encoded. The ’147 and ’LS147 devices encode nine data lines to four-line (8-4-2-1) BCD. The implied decimal
zero condition requires no input condition, as zero is encoded when all nine data lines are at a high logic level.
The ’148 and ’LS148 devices encode eight data lines to three-line (4-2-1) binary (octal). Cascading circuitry
(enable input EI and enable output EO) has been provided to allow octal expansion without the need for external
circuitry. For all types, data inputs and outputs are active at the low logic level. All inputs are buffered to represent
one normalized Series 54/74 or 54/74LS load, respectively.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74LS148N
SN74LS148N
0
°C to 70°C
SOIC − D
Tube
SN74LS148D
LS148
0
°C to 70°C
SOIC − D
Tape and reel
SN74LS148DR
LS148
SOP − NS
Tape and reel
SN74LS148NSR
74LS148
CDIP − J
Tube
SNJ54LS148J
SNJ54LS148J
−55
°C to 125°C
CFP − W
Tube
SNJ54LS148W
SNJ54LS148W
−55 C to 125 C
LCCC − FK
Tube
SNJ54LS148FK
SNJ54LS148FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE − ’147, ’LS147
INPUTS
OUTPUTS
1
2
3
4
5
6
7
8
9
D
C
B
A
H
H
H
H
H
H
H
H
H
H
H
H
H
X
XX
XX
XX
X
L
L
HH
L
X
XX
XX
XX
L
H
L
HH
H
X
XX
XX
X
L
H
H
H
LL
L
X
XX
XX
L
H
H
H
H
LL
H
X
X
X
X
L
HH
HH
H
LH
L
X
X
X
L
H
HH
HH
H
LH
H
X
X
L
HH
HH
HH
H
HL
L
X
L
H
HH
HH
HH
H
HLH
L
H
H
H
H
H
H
H
H
H
H
H
L
H = high logic level, L = low logic level, X = irrelevant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com