Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL42NKRT Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTL42NKRT
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL42NKRT Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTL42NKRT Datasheet HTML 3Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 4Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 5Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 6Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 7Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 8Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 9Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 10Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Bin Table Specification
Luminous Intensity
Unit : mcd @20mA
Bin Code
Min.
Max.
F
110
140
G
140
180
H
180
240
J
240
310
K
310
400
Note: Tolerance of each bin limit is ±15%
Dominant Wavelength
Unit : nm @20mA
Bin Code
Min.
Max.
H29
621.0
625.0
H30
625.0
629.0
H31
629.0
633.0
H32
633.0
637.0
Note: Tolerance of each bin limit is ±1nm
Part
No. : LTL42NKRT
Page :
6
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com