Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213-A Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # DA9213-A
Description  Auto Grade Multi-Phase 5A/Phase Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213-A Datasheet(HTML) 5 Page - Dialog Semiconductor

  DA9213-A Datasheet HTML 1Page - Dialog Semiconductor DA9213-A Datasheet HTML 2Page - Dialog Semiconductor DA9213-A Datasheet HTML 3Page - Dialog Semiconductor DA9213-A Datasheet HTML 4Page - Dialog Semiconductor DA9213-A Datasheet HTML 5Page - Dialog Semiconductor DA9213-A Datasheet HTML 6Page - Dialog Semiconductor DA9213-A Datasheet HTML 7Page - Dialog Semiconductor DA9213-A Datasheet HTML 8Page - Dialog Semiconductor DA9213-A Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
DA9213-A and DA9214-A
Auto Grade Multi-Phase 5A/Phase Buck Converter
Datasheet
Revision 1.4
08-May-2017
CFR0011-120-00
5 of 62
© 2017 Dialog Semiconductor
Figures
Figure 1: DA9213-A System Diagram ................................................................................................... 2
Figure 2: DA9214-A System Diagram ................................................................................................... 2
Figure 3: Connection Diagram .............................................................................................................. 7
Figure 4: 66 VFBGA Power Derating Curve........................................................................................ 11
Figure 5: 2-WIRE Bus Timing.............................................................................................................. 16
Figure 6: 4-WIRE Bus Timing.............................................................................................................. 17
Figure 7: DA9213-A Efficiency vs Load, VOUT = 1.0 V, 0-20 A ......................................................... 18
Figure 8: DA9213-A Efficiency vs Load, VIN = 3.6 V, 0-20 A ............................................................. 18
Figure 9: DA9214-A Efficiency vs Load, VOUT = 1.0 V, 0-10 A ......................................................... 19
Figure 10: DA9214-A Efficiency vs Load, VIN = 3.6 V, 0-10 A ........................................................... 19
Figure 11: Interface of DA9213-A/14-A with DA9063 and the Host Processor................................... 20
Figure 12: Typical Application of DA9213-A........................................................................................ 21
Figure 13: Typical Application of DA9214-A........................................................................................ 22
Figure
14: Concept of Control of the Buck’s Output Voltage .............................................................. 25
Figure 15: Resistive Divider from VOUT to FBAN .............................................................................. 26
Figure 16: GPIO Principle of Operation (example paths).................................................................... 29
Figure 17: Schematic of 4-WIRE and 2-WIRE Power Manager Bus .................................................. 31
Figure 18: 4-WIRE Host Write and
Read Timing (nCS_POL = ‘0’, CPOL = ‘0’, CPHA = ‘0’) ............. 32
Figure 19: 4-
WIRE Host Write and Read Timing (nCS_POL= ‘0’, CPOL = ‘0’, CPHA = ‘1’) .............. 33
Figure 20: 4-
WIRE Host Write and Read Timing (nCS_POL = ‘0’, CPOL = ‘1’, CPHA = ‘0’) ............. 33
Figure 21: 4-
WIRE Host Write and Read Timing (nCS_POL = ‘0’, CPOL = ‘1’, CPHA = ‘1’) ............. 34
Figure 22: Timing of 2-WIRE START and STOP Condition ................................................................ 36
Figure 23: 2-WIRE Byte Write (SDA Line) .......................................................................................... 37
Figure 24: Examples of 2-WIRE Byte Read (SDA Line) ..................................................................... 37
Figure 25: Examples of 2-WIRE Page Read (SDA Line) .................................................................... 37
Figure 26: 2-WIRE Page Write (SDA Line) ......................................................................................... 38
Figure 27: 2-WIRE Repeated Write (SDA Line) .................................................................................. 38
Figure 28: DA9213-A/14-A VFBGA Package Outline Drawing ........................................................... 59
Tables
Table 1: Pin Description ........................................................................................................................ 8
Table 2: Pin Type Definition .................................................................................................................. 9
Table 3: Absolute Maximum Ratings................................................................................................... 10
Table 4: Recommended Operating Conditions ................................................................................... 10
Table 5: Buck Converters Characteristics ........................................................................................... 11
Table 6: IC Performance and Supervision .......................................................................................... 14
Table 7: Digital I/O Characteristics ...................................................................................................... 14
Table 8: 2-WIRE Control Bus Characteristics ..................................................................................... 15
Table 9: 4-WIRE Control Bus Characteristics ..................................................................................... 17
Table 10: 4-WIRE Clock Configurations.............................................................................................. 31
Table 11: 4-WIRE Interface Summary ................................................................................................ 35
Table 12: Over-Temperature Thresholds ............................................................................................ 39
Table 13: Register Map ....................................................................................................................... 41
Table 14: Recommended Capacitor Types......................................................................................... 57
Table 15: Recommended Inductor Types ........................................................................................... 58
Table 16: Ordering Information ........................................................................................................... 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com