Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD549 Datasheet(PDF) 13 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD549 Datasheet HTML 9Page - Analog Devices AD549 Datasheet HTML 10Page - Analog Devices AD549 Datasheet HTML 11Page - Analog Devices AD549 Datasheet HTML 12Page - Analog Devices AD549 Datasheet HTML 13Page - Analog Devices AD549 Datasheet HTML 14Page - Analog Devices AD549 Datasheet HTML 15Page - Analog Devices AD549 Datasheet HTML 16Page - Analog Devices AD549 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AD549
Data Sheet
Rev. K | Page 12 of 18
AC RESPONSE WITH HIGH VALUE SOURCE AND
FEEDBACK RESISTANCE
Source and feedback resistances greater than 100 kΩ magnify
the effect of the input capacitances (stray and inherent to
the AD549) on the ac behavior of the circuit. The effects of
common-mode and differential input capacitances should be
taken into account because the circuit bandwidth and stability
can be adversely affected.
10mV
5µs
Figure 32. Follower Pulse Response from 1 MΩ Source Resistance,
Case Not Bootstrapped
10mV
5µs
Figure 33. Follower Pulse Response from 1 MΩ Source Resistance,
Case Bootstrapped
In a follower, the source resistance and input common-mode
capacitance form a pole that limits the bandwidth to ½πRSCS.
Bootstrapping the metal case by connecting Pin 8 to the output
minimizes capacitance due to the package. Figure 32 and
Figure 33 show the follower pulse response from a 1 MΩ source
resistance with and without the package connected to the
output. Typical common-mode input capacitance for the
AD549 is 0.8 pF.
In an inverting configuration, the differential input capacitance
forms a pole in the loop transmission of the circuit. This can
create peaking in the ac response and possible instability. A
feedback capacitance can be used to stabilize the circuit. The
inverter pulse response with RF and RS equal to 1 MΩ appears
in Figure 34. Figure 35 shows the response of the same circuit
with a 1 pF feedback capacitance. Typical differential input
capacitance for the AD549 is 1 pF.
10mV
5µs
Figure 34. Inverter Pulse Response with 1 MΩ Source
and Feedback Resistance
10mV
5µs
Figure 35. Inverter Pulse Response with 1 MΩ Source
and Feedback Resistance, 1 pF Feedback Capacitance
COMMON-MODE INPUT VOLTAGE OVERLOAD
The rated common-mode input voltage range of the AD549 is
from 3 V less than the positive supply voltage to 5 V greater than
the negative supply voltage. Exceeding this range degrades the
CMRR of the amplifier. Driving the common-mode voltage above
the positive supply causes the amplifier output to saturate at the
upper limit of the output voltage. Recovery time is typically 2 μs
after the input has been returned to within the normal operating
range. Driving the input common-mode voltage within 1 V of the
negative supply causes phase reversal of the output signal. In this
case, normal operation typically resumes within 0.5 μs of the
input voltage returning within range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com