Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD603 Datasheet(PDF) 8 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD603 Datasheet HTML 4Page - Analog Devices AD603 Datasheet HTML 5Page - Analog Devices AD603 Datasheet HTML 6Page - Analog Devices AD603 Datasheet HTML 7Page - Analog Devices AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices AD603 Datasheet HTML 10Page - Analog Devices AD603 Datasheet HTML 11Page - Analog Devices AD603 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
AD603
Rev. K | Page 7 of 24
60
50
0
10
20
30
40
2
4
6
8
1012
14161820
OFFSET VOLTAGE (mV)
553 PIECE SAMPLE SIZE
VOS AT 10dB GAIN
VOS VS VGAIN
Figure 10. Histogram of VOS at 10 dB Gain and VOS vs. VGAIN
50
0
10
20
30
40
85
90
95
100
105
115
110
PIN GPOS AND PIN GNEG BIAS CURRENT (nA)
553 PIECE SAMPLE SIZE
GPOS
GNEG
Figure 11. Histogram of GPOS and GNEG Bias Current
10dB/DIV
Figure 12. Third-Order Intermodulation Distortion at 455 kHz
(10× Probe Used to HP3585A Spectrum Analyzer, Gain = 0 dB, PIN = 0 dBm)
10dB/DIV
Figure 13. Third-Order Intermodulation Distortion at 10.7 MHz
(10× Probe Used to HP3585A Spectrum Analyzer, Gain = 0 dB, PIN = 0 dBm)
LOAD RESISTANCE (Ω)
0
50
100
200
500
1000
2000
–1.0
–1.2
–1.4
–1.6
–1.8
–2.0
–2.2
–2.4
–2.6
–2.8
–3.0
–3.2
–3.4
Figure 14. Typical Output Voltage Swing vs. Load Resistance
(Negative Output Swing Limits First)
FREQUENCY (Hz)
100M
100k
1M
10M
102
100
98
94
96
Figure 15. Input Impedance vs. Frequency (Gain = −10 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com