Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K02F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K02F
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K02F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K02F Datasheet HTML 1Page - Toshiba Semiconductor SSM3K02F Datasheet HTML 2Page - Toshiba Semiconductor SSM3K02F Datasheet HTML 3Page - Toshiba Semiconductor SSM3K02F Datasheet HTML 4Page - Toshiba Semiconductor SSM3K02F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K02F
2003-03-27
1
TOSHIBA Field Effect Transistor
Silicon N Channel MOS Type
SSM3K02F
High Speed Switching Applications
· Small package
· Low on resistance: Ron = 200 mΩ (max) (VGS = 4 V)
: Ron = 250 mΩ (max) (VGS = 2.5 V)
· Low gate threshold voltage: Vth = 0.6~1.1 V (VDS = 3 V, ID = 0.1 mA)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
30
V
Gate-source voltage
VGSS
±10
V
DC
ID
1.0
Drain current
Pulse
IDP
2.0
A
Drain power dissipation
PD
200
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Marking
Equivalent Circuit
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment
is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other
objects that come into direct contact with devices should be made of anti-static materials.
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1F
Weight: 0.012 g (typ.)


Similar Part No. - SSM3K02F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K02F TOSHIBA-SSM3K02F Datasheet
591Kb / 5P
High Speed Switching Applications
logo
VBsemi Electronics Co.,...
SSM3K02F VBSEMI-SSM3K02F Datasheet
482Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3K02F TOSHIBA-SSM3K02F_07 Datasheet
591Kb / 5P
High Speed Switching Applications
More results

Similar Description - SSM3K02F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com