Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM2.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWCSSRM2.EM
Description  OSLON Square
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM2.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWCSSRM2.EM Datasheet HTML 1Page - OSRAM GmbH GWCSSRM2.EM Datasheet HTML 2Page - OSRAM GmbH GWCSSRM2.EM Datasheet HTML 3Page - OSRAM GmbH GWCSSRM2.EM Datasheet HTML 4Page - OSRAM GmbH GWCSSRM2.EM Datasheet HTML 5Page - OSRAM GmbH GWCSSRM2.EM Datasheet HTML 6Page - OSRAM GmbH GWCSSRM2.EM Datasheet HTML 7Page - OSRAM GmbH GWCSSRM2.EM Datasheet HTML 8Page - OSRAM GmbH GWCSSRM2.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2017-10-26
1
2017-10-26
OSLON Square
Datasheet
Version 1.2
GW CSSRM2.EM
Third generation of OSLON Square with improved
radiation pattern and enhanced performance. Most
compact high-power LED with well known superior
robustness, high reliability, long lifetime and low
thermal resistance.
Die dritte Generation OSLON Square mit verbesserter
Abstrahlcharakteristik und nochmals verbesserter
Leistung. Die kompakte High-Power LEDs bietet
erprobte Zuverlässigkeit und lange Lebensdauer bei
niedrigstem Wärmewiderstand.
Features:
Besondere Merkmale:
Package: SMT ceramic package with silicone resin
and silicone lens
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 2700 K - 5000 K (white)
Farbe: 2700 K - 5000 K (weiß)
CRI: min. 80 ( typ. 82 )
CRI: min. 80 ( typ. 82 )
Luminous Flux: typ. 248 lm @ 3000 K, 85 °C
Lichtstrom: typ. 248 lm @ 3000 K, 85 °C
Luminous efficacy: typ. 127 lm/W @ 3000 K,
85 °C
Lichtausbeute: typ. 127 lm/W @ 3000 K, 85 °C
Corrosion Robustness: Superior Corrosion
Robustness
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
Applications
Anwendungen
Accent and effect lighting
Akzent- und Effektbeleuchtung
Museum lighting
Museumsbeleuchtung
Shop lighting
Ladenbeleuchtung
Spot lights
Spot-Leuchten
Stage lighting
Bühnenbeleuchtung
Retrofits and fixtures
Retrofits


Similar Part No. - GWCSSRM2.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM2.EM-M6M8-A737-1 OSRAM-GWCSSRM2.EM-M6M8-A737-1 Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM-M6M8-A838-1 OSRAM-GWCSSRM2.EM-M6M8-A838-1 Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM-M6M8-XX57-1 OSRAM-GWCSSRM2.EM-M6M8-XX57-1 Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM-M6M8-XX58-1 OSRAM-GWCSSRM2.EM-M6M8-XX58-1 Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM-M7M9-A535-1 OSRAM-GWCSSRM2.EM-M7M9-A535-1 Datasheet
1Mb / 25P
OSLON Square
More results

Similar Description - GWCSSRM2.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
OSLON Signal
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
logo
Ledil, Inc.
CP12412 LEDIL-CP12412 Datasheet
2Mb / 5P
~9.6째 spot beam optimized for Osram Oslon Square EC. 14.3 mm high assembly.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com