Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBP3W01 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEBP3W01
Description  OSTAR Projection Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBP3W01 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEBP3W01 Datasheet HTML 1Page - OSRAM GmbH LEBP3W01 Datasheet HTML 2Page - OSRAM GmbH LEBP3W01 Datasheet HTML 3Page - OSRAM GmbH LEBP3W01 Datasheet HTML 4Page - OSRAM GmbH LEBP3W01 Datasheet HTML 5Page - OSRAM GmbH LEBP3W01 Datasheet HTML 6Page - OSRAM GmbH LEBP3W01 Datasheet HTML 7Page - OSRAM GmbH LEBP3W01 Datasheet HTML 8Page - OSRAM GmbH LEBP3W01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2017-12-11
1
2017-12-11
OSRAM OSTAR Projection Power
Datasheet
Version 1.1
LE B P3W 01
OSRAM OSTAR Projection Power is a high luminance
LED for projection applications.
Die OSRAM OSTAR Projection Power ist eine LED mit
hoher Leuchtdichte für Projektionsanwendungen.
Features:
Besondere Merkmale:
Package: OSTAR High Power Projection
Gehäusetyp: OSTAR High Power Projection
Technology: ThinGaN (UX:3)
Technologie: ThinGaN (UX:3)
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: blue (459 nm)
Farbe: blau (459 nm)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Projection
Projektion


Similar Part No. - LEBP3W01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBP3W01-GYHY-24 OSRAM-LEBP3W01-GYHY-24 Datasheet
824Kb / 20P
OSTAR High Power Projection
More results

Similar Description - LEBP3W01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBP1W-EYFY-24 OSRAM-LEBP1W-EYFY-24 Datasheet
822Kb / 21P
OSTAR High Power Projection
LEBP3W01-GYHY-24 OSRAM-LEBP3W01-GYHY-24 Datasheet
824Kb / 20P
OSTAR High Power Projection
LECGP1W-6T8T-1 OSRAM-LECGP1W-6T8T-1 Datasheet
1Mb / 23P
OSTAR High Power Projection
LECGP2W-7U6V-1 OSRAM-LECGP2W-7U6V-1 Datasheet
1Mb / 22P
OSTAR High Power Projection
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
OSRAM OSTAR Projection Power
LEAP2W01 OSRAM-LEAP2W01 Datasheet
824Kb / 20P
OSTAR High Power Projection
LECGP2W01 OSRAM-LECGP2W01 Datasheet
1Mb / 21P
OSTAR High Power Projection
LE-A-P1W OSRAM-LE-A-P1W Datasheet
786Kb / 21P
OSTAR High Power Projection
LE-A-P3W-01 OSRAM-LE-A-P3W-01 Datasheet
808Kb / 20P
OSTAR High Power Projection
LE-CG-P3A-01 OSRAM-LE-CG-P3A-01 Datasheet
929Kb / 22P
OSTAR High Power Projection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com