Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH9PP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSH9PP
Description  OSLON Black Flat
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSH9PP Datasheet(HTML) 1 Page - OSRAM GmbH

  LSH9PP Datasheet HTML 1Page - OSRAM GmbH LSH9PP Datasheet HTML 2Page - OSRAM GmbH LSH9PP Datasheet HTML 3Page - OSRAM GmbH LSH9PP Datasheet HTML 4Page - OSRAM GmbH LSH9PP Datasheet HTML 5Page - OSRAM GmbH LSH9PP Datasheet HTML 6Page - OSRAM GmbH LSH9PP Datasheet HTML 7Page - OSRAM GmbH LSH9PP Datasheet HTML 8Page - OSRAM GmbH LSH9PP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2016-11-11
1
2016-11-11
OSLON Black Flat
Datasheet
Version 1.7
LS H9PP
OSLON Black Flat is a new small size high-flux LED for
slim designs. The black package stands for high
stability.
OSLON Black Flat ist eine neue kompakte hoch
effiziente Lichtquelle für platzsparende Designs. Das
schwarze Gehäuse steht für eine hohe Stabilität.
Features:
Besondere Merkmale:
Package: SMD epoxy package
Gehäusetyp: SMD Epoxid Gehäuse
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: super red (633 nm)
Farbe: super rot (633 nm)
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
Architectural Lighting indoor and outdoor
Architekturbeleuchtung innen und außen
Automotive Lighting Interior and Exterior
Automobilbeleuchtung innen und außen
Coupling into Light Guides
Einkopplung in Lichtleiter
Decorative Lighting
Dekorative Beleuchtung
Signal and Symbol Luminary
Signal- und Symbolleuchten
Signaling
Signalanlagen


Similar Part No. - LSH9PP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSH9PP-HYJY-1-1 OSRAM-LSH9PP-HYJY-1-1 Datasheet
728Kb / 22P
Architectural Lighting indoor and outdoor
More results

Similar Description - LSH9PP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
SFH4735 OSRAM-SFH4735 Datasheet
629Kb / 13P
OSLON Black Flat
SFH4703AS OSRAM-SFH4703AS Datasheet
570Kb / 14P
OSLON Black Series
LCYH9PP OSRAM-LCYH9PP Datasheet
1Mb / 23P
OSLON Black Flat
LAH9GP OSRAM-LAH9GP Datasheet
621Kb / 21P
OSLON Black
LAH9PP OSRAM-LAH9PP Datasheet
747Kb / 22P
OSLON Black Flat
LYH9PP OSRAM-LYH9PP Datasheet
748Kb / 22P
OSLON Black Flat
LRH9PP OSRAM-LRH9PP Datasheet
726Kb / 22P
OSLON Black Flat
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
SFH-4715 OSRAM-SFH-4715 Datasheet
500Kb / 14P
OSLON Black Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com