Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCQAR Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LUWCQAR
Description  Industrial lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCQAR Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LUWCQAR Datasheet HTML 7Page - OSRAM GmbH LUWCQAR Datasheet HTML 8Page - OSRAM GmbH LUWCQAR Datasheet HTML 9Page - OSRAM GmbH LUWCQAR Datasheet HTML 10Page - OSRAM GmbH LUWCQAR Datasheet HTML 11Page - OSRAM GmbH LUWCQAR Datasheet HTML 12Page - OSRAM GmbH LUWCQAR Datasheet HTML 13Page - OSRAM GmbH LUWCQAR Datasheet HTML 14Page - OSRAM GmbH LUWCQAR Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Version 1.6
LUW CQAR (streetwhite)
2017-10-27
11
ΔVF = VF - VF(25 °C) = f(Tj); IF = 700 mA
ΦV/ΦV(25 °C) = f(Tj); IF = 700 mA
Cx, Cy = f(Tj); IF = 700 mA
OHL06172
-40
-20
0
20
40
60
80
100 120
Tj (°C)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
∆
V F (V)
OHL06075
-40 -20 0
20 40 60 80 100 120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T (°C)
j
Φ
V
Φ
V
(25 °C)
OHL06109
-40 -20 0
20 40 60 80 100 120
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
: ∆ Cx
: ∆ Cy
∆Cx
∆Cy
T (°C)
j
Cx
Cy
Relative Forward Voltage 4) page 23
Relative Vorwärtsspannung 4) Seite 23
Relative Luminous Flux 4) page 23
Relativer Lichtstrom 4) Seite 23
Chromaticity Coordinate Shift 4) page 23
Farbortverschiebung 4) Seite 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com